|
PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 3, number of rows: 1, number of positions: 3, number of connections: 3, product range: PSC 1,5/..-M, pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,number of solder pins per potential: 1, plug-in system: PSC 1,5, Electrical properties: shielded,Pin connector pattern alignment: Standard, locking: Screw locking, mounting: Threaded flange,type of packaging: packed in cardboard
Your advantages
• Well-known connection principle allows worldwide use
• Shroud for professional EMC shield feed-through on the inside of the device
• Screwable flange for superior mechanical stability
|