Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1848122 Datasheet (PDF) - PHOENIX CONTACT

1848122 Datasheet PDF - PHOENIX CONTACT
Part # 1848122
Download  1848122 Download
File Size   484.71 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PSC 1,5/ 3-M-PE

1848122 Datasheet (PDF)

Go To PDF Page Download Datasheet
1848122 Datasheet PDF - PHOENIX CONTACT

Part # 1848122
Download  1848122 Click to download

File Size   484.71 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PSC 1,5/ 3-M-PE

1848122 Datasheet (HTML) - PHOENIX CONTACT


1848122 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: PSC 1,5/..-
M, pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: PSC 1,5, Electrical properties: shielded,
Pin connector pattern alignment: Standard, locking: Screw locking, mounting: Threaded flange,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Shroud for professional EMC shield feed-through on the inside of the device
• Screwable flange for superior mechanical stability




Similar Part No. - 1848122

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18481 ATOM-18481 Datasheet
170Kb / 2P
Bronte
22nd of January 2025 08:41:02
logo
Weidmuller
1848110000 WEIDMULLER-1848110000 Datasheet
371Kb / 35P
OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
logo
List of Unclassifed Man...
1848132 ETC-1848132 Datasheet
44Kb / 1P
Faceplate Locking Bars
1848133 ETC-1848133 Datasheet
44Kb / 1P
Faceplate Locking Bars
logo
PHOENIX CONTACT
1848135 PHOENIX-1848135 Datasheet
496Kb / 10P
PCB header - PSC 1,5/ 5-M-PE
Jan 4, 2023
More results


Similar Description - 1848122

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1689323 PHOENIX-1689323 Datasheet
70Kb / 4P
Contact insert - VS-PSC 1,5/5-M PE
1688825 PHOENIX-1688825 Datasheet
94Kb / 5P
Contact insert - VS-PSC 1,5/5-M
09/11/2020
1689336 PHOENIX-1689336 Datasheet
94Kb / 5P
Contact insert - VS-PSC 1,5/3-M PE
09/11/2020
1841909 PHOENIX-1841909 Datasheet
387Kb / 11P
Printed-circuit board connector - PSC 1,5/ 3-F
Jul 20, 2022
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1841857 PHOENIX-1841857 Datasheet
493Kb / 10P
PCB header - PSC 1,5/ 3-M
Jul 21, 2022
1841899 PHOENIX-1841899 Datasheet
496Kb / 10P
PCB header - PSC 1,5/ 5-M
Nov 30, 2022
1847479 PHOENIX-1847479 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 3-GF-5,08
Nov 30, 2022
1847628 PHOENIX-1847628 Datasheet
384Kb / 10P
PCB header - MCV 1,5/ 3-GF-5,08
Jan 4, 2023
1848135 PHOENIX-1848135 Datasheet
496Kb / 10P
PCB header - PSC 1,5/ 5-M-PE
Jan 4, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com