Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOCND12 Datasheet (PDF) - Belden Inc.

GOCND12 Datasheet PDF - Belden Inc.
Part # GOCND12
Download  GOCND12 Download
File Size   149.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM3.

GOCND12 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCND12 Datasheet PDF - Belden Inc.

Part # GOCND12
Download  GOCND12 Click to download

File Size   149.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM3.

GOCND12 Datasheet (HTML) - Belden Inc.


GOCND12 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 12 fibers MM OM3.




Similar Part No. - GOCND12

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCND16 BELDEN-GOCND16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
More results


Similar Description - GOCND12

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN112 BELDEN-GOCN112 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM1.
2023 Belden, Inc
GOCN212 BELDEN-GOCN212 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GOCND06 BELDEN-GOCND06 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOCNE12 BELDEN-GOCNE12 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GODN212 BELDEN-GODN212 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GODND12 BELDEN-GODND12 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GODNE12 BELDEN-GODNE12 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GORND12 BELDEN-GORND12 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GOSND12 BELDEN-GOSND12 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GOVND12 BELDEN-GOVND12 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com