Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD2717BFG Datasheet (PDF) - Toshiba Semiconductor

TCD2717BFG Datasheet PDF - Toshiba Semiconductor
Part # TCD2717BFG
Download  TCD2717BFG Download
File Size   690.49 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CCD Linear Image Sensor CCD

TCD2717BFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD2717BFG Datasheet PDF - Toshiba Semiconductor

Part # TCD2717BFG
Download  TCD2717BFG Click to download

File Size   690.49 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CCD Linear Image Sensor CCD

TCD2717BFG Datasheet (HTML) - Toshiba Semiconductor


TCD2717BFG Product details

The TCD2717BFG is a high sensitive and low dark current 7500
elements  3 lines output CCD color linear image sensor with 7500
elements  1 line output CCD B/W linear image sensor.
The device contains a row of 7500 elements  4 lines photodiodes
which provide 24 lines/mm across a A3 size paper. The device is
operated by 5.0 V pulse and 10 V power supply.

Features
 Number of Image Sensing Elements: 7500 elements  3 lines for Color
7500 elements  1 line for B/W
 Image Sensing Element Size: 4.7 m by 4.7 m on 4.7 m center for Color
4.7 m by 4.7 m on 4.7 m center for B/W
 Photo Sensing Region: High sensitive PN photodiode
 Clock: 2-phase (5 V)
 Power Supply Voltage: 10 V (typ.)
 Distance between Photodiode Array: 9.4 m (2 lines) B array – G array, G array – R array
37.6 m (8 lines) R array – B/W array
 Internal Circuit: Clamp circuit
 Package: 32 pin CLCC
 Color Filter: Red, Green, Blue




Similar Part No. - TCD2717BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2711DG TOSHIBA-TCD2711DG Datasheet
574Kb / 14P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.3 2019-01-15
TCD2712DG TOSHIBA-TCD2712DG Datasheet
547Kb / 14P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.2 2019-01-24
TCD2719DG TOSHIBA-TCD2719DG Datasheet
447Kb / 14P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.1 2019-03-06
More results


Similar Description - TCD2717BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1708D TOSHIBA-TCD1708D Datasheet
398Kb / 11P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD
TCD1711DG TOSHIBA-TCD1711DG Datasheet
363Kb / 13P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.1 2019-03-27
TCD2564DG TOSHIBA-TCD2564DG Datasheet
333Kb / 13P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.2 2019-01-15
TCD2566BFG TOSHIBA-TCD2566BFG Datasheet
877Kb / 30P
TOSHIBA CCD Linear Image Sensor CCD
Rev.2.1 2019-01-24
TCD2711DG TOSHIBA-TCD2711DG Datasheet
574Kb / 14P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.3 2019-01-15
TCD2719DG TOSHIBA-TCD2719DG Datasheet
447Kb / 14P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.1 2019-03-06
TCD2720BFG TOSHIBA-TCD2720BFG Datasheet
745Kb / 22P
TOSHIBA CCD Linear Image Sensor CCD
Rev.2.0 2019-03-27
TCD2723BFG TOSHIBA-TCD2723BFG Datasheet
709Kb / 21P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.4 2019-01-08
TCD2724DG-1 TOSHIBA-TCD2724DG-1 Datasheet
423Kb / 13P
TOSHIBA CCD Linear Image Sensor CCD
Rev.2.1 2019-01-15
TCD2725BFG TOSHIBA-TCD2725BFG Datasheet
613Kb / 17P
TOSHIBA CCD Linear Image Sensor CCD
Rev.2.3 2019-01-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com