Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD2717BFG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TCD2717BFG
Description  TOSHIBA CCD Linear Image Sensor CCD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2717BFG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TCD2717BFG Datasheet HTML 4Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 5Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 6Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 7Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 8Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 9Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 10Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 11Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TCD2717BFG
Rev.3.0 2019-01-15
7
© 2018
Toshiba Electronic Devices & Storage Corporation
Recommended Operating Conditions (Ta  25°C)
For best performance, the device should be used within the Recommended Operating Conditions.
Characteristics
Symbol
Min
Typ.
Max
Unit
Clock pulse voltage
“H” level
V
1A, V2A
V
1C, V2C
4.75
5.0
5.5
V
“L” level
0
0
0.25
Last stage clock pulse voltage
“H” level
V
2B
4.75
5.0
5.5
V
“L” level
0
0
0.25
Shift pulse voltage
“H” level
VSH
4.75
5.0
5.5
V
“L” level
0
0
0.25
Reset pulse voltage
“H” level
VRS
4.75
5.0
5.5
V
“L” level
0
0
0.25
Clamp pulse voltage
“H” level
VCP
4.75
5.0
5.5
V
“L” level
0
0
0.25
Transfer pulse voltage
“H” level
VTG
4.75
5.0
5.5
V
“L” level
0
0
0.25
Switch pulse voltage
“H” level
VSW
4.75
5.0
5.5
V
“L” level
0
0
0.25
Power supply voltage
VOD
9.5
10.0
10.5
V
Clock Characteristics (Ta  25°C)
For best performance, the device should be used within the Recommended Operating Conditions.
Characteristics
Symbol
Min
Typ.
Max
Unit
Clock pulse frequency
f
0.5
1.0
35.0
MHz
Reset pulse frequency
fRS
0.5
1.0
35.0
MHz
Clamp pulse frequency
fCP
0.5
1.0
35.0
MHz
Clock capacitance
(Note 11)
C
A, CC

70

pF
Last stage clock capacitance
C
B

10

pF
Shift gate capacitance
(Note 11)
CSH

20

pF
Reset gate capacitance
CRS

10

pF
Clamp gate capacitance
CCP

10

pF
Transfer gate capacitance
CTG

10

pF
Switch gate capacitance
CSW

10

pF
Note 11: VOD  10 V, Input capacitance per a pin.
Select Mode of B/W and Color
Mode
SW input pulse
Color
“H”
B/W
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com