Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD2717BFG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCD2717BFG
Description  TOSHIBA CCD Linear Image Sensor CCD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2717BFG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCD2717BFG Datasheet HTML 1Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 2Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 3Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 4Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 5Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 6Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 7Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 8Page - Toshiba Semiconductor TCD2717BFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TCD2717BFG
Rev.3.0 2019-01-15
3
© 2018
Toshiba Electronic Devices & Storage Corporation
Pin Names
Pin No.
Symbol
Name
Pin No.
Symbol
Name
1
OS3
Output signal 3 (Red or B/W(Even))
32
OS2
Output signal 2 (Green or B/W(Odd))
2
SS
Ground
31
OS1
Output signal 1 (Blue)
3
OD
Power supply
30
OD
Power supply
4
CP
Clamp gate
29
OD
Power supply
5
RS
Reset gate
28
OD
Power supply
6
2B
Last stage transfer clock (phase 2)
27
SW
Switch gate for color or B/W
7
2C
Transfer clock (phase 2) for B/W
26
2A
Transfer clock (phase 2) for color
8
1C
Transfer clock (phase 1) for B/W
25
1A,
Transfer clock (phase 1) for color
9
SS
Ground
24
NC
Non connection
10
1C
Transfer clock (phase 1) for B/W
23
NC
Non connection
11
2C
Transfer clock (phase 2) for B/W
22
SS
Ground
12
1A
Transfer clock (phase 1) for color
21
1A
Transfer clock (phase 1) for color
13
2A
Transfer clock (phase 2) for color
20
2A
Transfer clock (phase 2) for color
14
SH4
Shift gate 4 for B/W
19
TG
Transfer gate
15
SH3
Shift gate 3 for color
18
SH1
Shift gate 1 for color
16
SH2
Shift gate 2 for color
17
SH2B
Shift gate 2B for color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com