Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5007 Datasheet (PDF) - Maxim Integrated Products

MAX5007 Datasheet PDF - Maxim Integrated Products
Part # MAX5007
Download  MAX5007 Download
File Size   1065.41 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 150mA USB LDO Regulators with 15kV -15kV TVS and UP Reset

MAX5007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5007 Datasheet PDF - Maxim Integrated Products

Part # MAX5007
Download  MAX5007 Click to download

File Size   1065.41 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 150mA USB LDO Regulators with 15kV -15kV TVS and UP Reset

MAX5007 Datasheet (HTML) - Maxim Integrated Products


MAX5007 Product details

General Description
The MAX5005/MAX5006/MAX5007 are low-dropout (LDO), micropower linear voltage regulators with an integrated microprocessor (µP) reset circuit for use with USB peripheral devices. Each device is available with a fixed +3.3V output voltage and can deliver up to 150mA load current. Each device features ±15kV transient voltage suppression (TVS) as well as precision 1.5kΩ data-line termination resistors for USB digital signals making them ideal for use with USB peripherals.

Features
♦ Integrated ±15kV Transient Voltage Suppressors
   for D+ and D- Data Lines
♦ Pin Selectable Internal D+ and D- Termination
   Resistors (1.5kΩ ±5%)
♦ Integrated Microprocessor Reset Circuit with
   100ms (min) Timeout
♦ 3.3V Output with ±3% Accuracy
♦ 25µA Quiescent Current at Full Load
♦ Small 1µF Output Capacitor
♦ Output to Input Reverse Leakage Protection
♦ Thermal and Short-Circuit Protection
♦ 10-Pin µMAX Package

Applications
   USB Peripherals
   Hand-Held Instruments




Similar Part No. - MAX5007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX500 MAXIM-MAX500 Datasheet
127Kb / 12P
CMOS, Quad, Serial-Interface 8-Bit DAC
Rev 2; 2/96
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003 MAXIM-MAX5003 Datasheet
119Kb / 5P
Evaluation Kit
Rev 1; 1/01
MAX5003C/D MAXIM-MAX5003C/D Datasheet
170Kb / 16P
High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CEE MAXIM-MAX5003CEE Datasheet
170Kb / 16P
High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
More results


Similar Description - MAX5007

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Impala Linear Corporati...
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
logo
Littelfuse
SP1001 LITTELFUSE-SP1001_11 Datasheet
298Kb / 6P
SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1011 LITTELFUSE-SP1011 Datasheet
266Kb / 5P
SP1011 Series 7pF 15kV Unidirectional TVS Array
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
SP1011 Series 7pF 15kV Unidirectional TVS Array
SP1001 LITTELFUSE-SP1001 Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
SP1008 LITTELFUSE-SP1008_17 Datasheet
1Mb / 4P
6pF 15kV Bidirectional Discrete TVS Protection
SP4337 LITTELFUSE-SP4337 Datasheet
536Kb / 5P
0.18pF 15KV Bidirectional TVS
2020 Littelfuse, Inc.
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com