Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1500H034B Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1500H034B Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1500H034B
Download  R1500H034B Download
File Size   591.84 Kbytes
Page   27 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 500 mA LDO Regulator (Operating Voltage up to 24 V) for Automotive Applications

R1500H034B Datasheet (PDF)

Go To PDF Page Download Datasheet
R1500H034B Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1500H034B
Download  R1500H034B Click to download

File Size   591.84 Kbytes
Page   27 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 500 mA LDO Regulator (Operating Voltage up to 24 V) for Automotive Applications

R1500H034B Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1500H034B Product details

FEATURES
• Input Voltage Range (Maximum Rating) ...................... 4.0 V to 24.0 V (36 V)
• Operating Temperature range ...................................... −40°C to 105°C
• Supply Current ............................................................. Typ. 70 μA
• Standby Current ........................................................... Typ. 0.1 μA
• Ripple Rejection ......................................................... Typ. 60 dB (VSET = 5.0 V)
• Temperature-Drift Coefficient of Output Voltage .......... Typ. ±100 ppm/°C
• Output Current ............................................................. Min. 500 mA (VIN = VSET + 1 V)
• Line Regulation ............................................................ Typ. 0.05%/V
• Output Voltage Accuracy ............................................. ±2%
• Output Voltage ............................................................. 3.0 V to 12.0 V (0.1 V step)
• Package ....................................................................... SOT-89-5
• Built-in Current Limit Circuit ......................................... Typ. 65 mA
• Built-in Fold-Back Circuit
• Built-in Thermal Shutdown Circuit




Similar Part No. - R1500H034B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1500H034B NISSHINBO-R1500H034B Datasheet
2Mb / 27P
500 mA LDO REGULATOR (Operating Voltage up to 24 V)
More results


Similar Description - R1500H034B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
Low Noise 150 mA LDO Regulator for Automotive Applications
R1130H NISSHINBO-R1130H Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
Nisshinbo Micro Devices...
R1500X NISSHINBO-R1500X Datasheet
2Mb / 27P
500 mA LDO REGULATOR (Operating Voltage up to 24 V)
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
1A LDO REGULATOR (Operating Voltage up to 24V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com