Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8231ADI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8231ADI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8231ADI
Download  AOZ8231ADI Download
File Size   320.56 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description One-line Bi-directional TVS Diode

AOZ8231ADI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8231ADI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8231ADI
Download  AOZ8231ADI Click to download

File Size   320.56 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description One-line Bi-directional TVS Diode

AOZ8231ADI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8231ADI Product details

General Description
The AOZ8231ADI is a one-line bi-directional transient
voltage suppressor diode designed to protect voltage
sensitive electronics from high transient conditions and
ESD.
This device incorporates one TVS diode in an ultra-small
DFN 1006 package. It may be used to meet the ESD
immunity requirements of EC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).
The AOZ8231ADI comes in a RoHS compliant, Halogen-
Free DFN 1.0 mm x 0.6 mm package and is rated over a
-40 °C to +85 °C ambient temperature range.
The ultra-small 1.0 mm x 0.6 mm x 0.5 mm DFN package
makes it ideal for applications where PCB space is a
premium. The small size and high ESD protection makes
it ideal for protecting voltage sensitive electronics from
high transient conditions and ESD.

Applications
 Portable handheld devices
 Keypads, data lines, buttons
 Notebook computers
 Digital Cameras
 Portable GPS
 MP3 players

Features
 ESD protection for high-speed data lines
AOZ8231ADI-02:
– Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air),
± 30 kV (contact)
– Human Body Model (HBM) ± 30 kV
– IEC 61000-4-5 (Lightning) 6 A (8/20 μS)
– IEC 61000-4-4 (EFT) 40 A
AOZ8231ADI-03:
– Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air),
± 30 kV (contact)
– Human Body Model (HBM) ± 30 kV
– IEC 61000-4-5 (Lightning) 6 A (8/20 μS)
– IEC 61000-4-4 (EFT) 40 A
AOZ8231ADI-05:
– Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air),
±30 kV (contact)
– Human Body Model (HBM) ± 30 kV
– IEC 61000-4-5 (Lightning) 5 A (8/20 μS)
– IEC 61000-4-4 (EFT) 40 A
AOZ8231ADI-08:
– Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air),
± 30 kV (contact)
– Human Body Model (HBM) ± 30 kV
– IEC 61000-4-5 (Lightning) 5 A (8/20 μS)
– IEC 61000-4-4 (EFT) 40 A
AOZ8231ADI-12:
– Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air),
± 30 kV (contact)
– Human Body Model (HBM) ± 30 kV
– IEC 61000-4-5 (Lightning) 4 A (8/20 μS)
– IEC 61000-4-4 (EFT) 40 A
AOZ8231ADI-24:
– Exceeds: IEC 61000-4-2 (ESD) ± 18 kV (air),
± 15 kV (contact)
– Human Body Model (HBM) ± 15 kV
– IEC 61000-4-5 (Lightning) 2.5 A (8/20 μS)
– IEC 61000-4-4 (EFT) 40 A
 Small package saves board space
 Low insertion loss
 Low clamping voltage
 Low operating voltage
 Pb-free device




Similar Part No. - AOZ8231ADI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8231ADI-02 AOSMD-AOZ8231ADI-02 Datasheet
348Kb / 7P
one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
AOZ8231ADI-03 AOSMD-AOZ8231ADI-03 Datasheet
348Kb / 7P
one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
AOZ8231ADI-05 AOSMD-AOZ8231ADI-05 Datasheet
348Kb / 7P
one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
AOZ8231ADI-08 AOSMD-AOZ8231ADI-08 Datasheet
348Kb / 7P
one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
AOZ8231ADI-12 AOSMD-AOZ8231ADI-12 Datasheet
348Kb / 7P
one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
More results


Similar Description - AOZ8231ADI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8221 AOSMD-AOZ8221 Datasheet
316Kb / 6P
One-line Bi-directional TVS Diode
AOZ8231 AOSMD-AOZ8231 Datasheet
273Kb / 6P
One-line Bi-directional TVS Diode
AOZ8131 AOSMD-AOZ8131 Datasheet
247Kb / 6P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
One-line Bi-directional TVS Diode
AOZ8831 AOSMD-AOZ8831 Datasheet
314Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-03 AOSMD-AOZ8831-03 Datasheet
311Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-05 AOSMD-AOZ8831-05 Datasheet
310Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-24 AOSMD-AOZ8831-24 Datasheet
310Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com