Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEN60N Datasheet (PDF) - TRACO Electronic AG

TEN60N Datasheet PDF - TRACO Electronic AG
Part # TEN60N
Download  TEN60N Download
File Size   881.71 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 60N Series, 60 Watt

TEN60N Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN60N Datasheet PDF - TRACO Electronic AG

Part # TEN60N
Download  TEN60N Click to download

File Size   881.71 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 60N Series, 60 Watt

TEN60N Datasheet (HTML) - TRACO Electronic AG


TEN60N Product details

• 2" x 1" metal package
• Wide 2:1 input voltage range
9–18, 18–36, 36–75 VDC
• High efficiency up to 92%
• Adjustable output voltage
• Operating temperature range
–40°C to +85°C
• EN 55032 class A (with external
components)
• Remote On/Off
• Under voltage lockout
• RoHS compliant
• 3-year product warranty




Similar Part No. - TEN60N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEN60-2410 TRACOPOWER-TEN60-2410 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEN60-2411 TRACOPOWER-TEN60-2411 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEN60-2411WIN TRACOPOWER-TEN60-2411WIN Datasheet
928Kb / 4P
TEN 60WIN Series, 60 Watt
Rev. November 30, 2022
TEN60-2411WIR TRACOPOWER-TEN60-2411WIR Datasheet
933Kb / 5P
TEN 60WIR Series, 60 Watt
Rev. November 30, 2022
More results


Similar Description - TEN60N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIR TRACOPOWER-TEN20WIR Datasheet
908Kb / 5P
TEN 20WIR Series, 20 Watt
Rev. December 6, 2022
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TEN40E TRACOPOWER-TEN40E Datasheet
995Kb / 5P
TEN 40E Series, 40 Watt
Rev. November 30, 2022
TEN40WI TRACOPOWER-TEN40WI Datasheet
899Kb / 5P
TEN 40WI Series, 40 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEN60WIN TRACOPOWER-TEN60WIN Datasheet
928Kb / 4P
TEN 60WIN Series, 60 Watt
Rev. November 30, 2022
TEN60WIR TRACOPOWER-TEN60WIR Datasheet
933Kb / 5P
TEN 60WIR Series, 60 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com