Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEN6WIN Datasheet (PDF) - TRACO Electronic AG

TEN6WIN Datasheet PDF - TRACO Electronic AG
Part # TEN6WIN
Download  TEN6WIN Download
File Size   892.7 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 6WIN Series, 6 Watt

TEN6WIN Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN6WIN Datasheet PDF - TRACO Electronic AG

Part # TEN6WIN
Download  TEN6WIN Click to download

File Size   892.7 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 6WIN Series, 6 Watt

TEN6WIN Datasheet (HTML) - TRACO Electronic AG


TEN6WIN Product details

• Wide 4:1 input voltage range
• High efficiency
• Operating temperature
range –40°C to +85°C
• Models with 1’500 VDC and 3’000 VDC
I/O isolation (functional insulation)
• Input filter meets EN 55022, class A
• Overload protection
• DIP-24 plastic package
• Industry standard pinout
• 3-year product warranty




Similar Part No. - TEN6WIN

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN6WIRH TRACOPOWER-TEN6WIRH Datasheet
969Kb / 5P
TEN 6WIRH Series, 6 Watt
Rev. November 30, 2022
More results


Similar Description - TEN6WIN

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIR TRACOPOWER-TEN20WIR Datasheet
908Kb / 5P
TEN 20WIR Series, 20 Watt
Rev. December 6, 2022
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEN6N TRACOPOWER-TEN6N Datasheet
917Kb / 5P
TEN 6N Series, 6 Watt
Rev. February 9, 2023
TEN6WIRH TRACOPOWER-TEN6WIRH Datasheet
969Kb / 5P
TEN 6WIRH Series, 6 Watt
Rev. November 30, 2022
TEN5 TRACOPOWER-TEN5 Datasheet
248Kb / 3P
DC/DC Converters TEN 5 Series, 6 Watt
Rev. February 20, 2023
TEN5WI TRACOPOWER-TEN5WI Datasheet
281Kb / 3P
DC/DC Converters TEN 5WI Series, 6 Watt
Rev. February 20, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com