Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844003-01 Datasheet (PDF) - Renesas Technology Corp

844003-01 Datasheet PDF - Renesas Technology Corp
Part # 844003-01
Download  844003-01 Download
File Size   455.36 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-TO-LVDS Frequency Synthesizer

844003-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
844003-01 Datasheet PDF - Renesas Technology Corp

Part # 844003-01
Download  844003-01 Click to download

File Size   455.36 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-TO-LVDS Frequency Synthesizer

844003-01 Datasheet (HTML) - Renesas Technology Corp


844003-01 Product details

General Description
The 844003-01 is a 3 differential output LVDS Synthesizer
designed to generate Ethernet refer- ence clock frequencies.
Using a 19.53125MHz or 25MHz, 18pF parallel resonant crystal,
the following frequencies can be generated based on the settings
of 4 frequency select pins (DIV_SELA[1:0], DIV_SELB[1:0]):
625MHz, 312.5MHz, 156.25MHz, and 125MHz. The 844003-01
has 2 output banks, Bank A with 1 differential LVDS output pair
and Bank B with 2 differential LVDS output pairs.
The two banks have their own dedicated frequency select pins and
can be independently set for the frequencies mentioned above.
The 844003-01 uses IDT’s 3rd generation low phase noise VCO
technology and can achieve 1ps or lower typical rms phase jitter,
easily meeting Ethernet jitter requirements. The 844003-01 is
packaged in a small 24-pin TSSOP package.

Features
• Three differential LVDS output pairs on two banks, Bank A with
one LVDS pair and Bank B with two LVDS output pairs
• Using a 19.53125MHz or 25MHz crystal, the two output banks
can be independently set for 625MHz, 312.5MHz, 156.25MHz
or 125MHz
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended input
• VCO range: 490MHz - 680MHz
• RMS phase jitter @ 156.25MHz (1.875MHz – 20MHz):
0.56ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 844003-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844003 IDT-844003 Datasheet
338Kb / 18P
FemtoClock Crystal-to-3.3V LVDS Frequency Synthesizer
logo
Renesas Technology Corp
844003 RENESAS-844003 Datasheet
630Kb / 19P
FemtoClock® Crystal-to-3.3V LVDS Frequency Synthesizer
January 29, 2016
logo
Integrated Device Techn...
844003AGLF IDT-844003AGLF Datasheet
338Kb / 18P
FemtoClock Crystal-to-3.3V LVDS Frequency Synthesizer
844003AGLFT IDT-844003AGLFT Datasheet
338Kb / 18P
FemtoClock Crystal-to-3.3V LVDS Frequency Synthesizer
844003AKI-04LF IDT-844003AKI-04LF Datasheet
318Kb / 19P
FemtoClock Crystal-to-LVDS Frequency Synthesizer
More results


Similar Description - 844003-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
844003BI-01 RENESAS-844003BI-01 Datasheet
444Kb / 23P
FEMTOCLOCKS™ Crystal-to-LVDS Frequency Synthesizer
12/18/14
844004-104 RENESAS-844004-104 Datasheet
586Kb / 18P
FemtoClocks™ Crystal-TO-LVDS Frequency Synthesizer
6/10/15
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com