Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844004-104 Datasheet (PDF) - Renesas Technology Corp

844004-104 Datasheet PDF - Renesas Technology Corp
Part # 844004-104
Download  844004-104 Download
File Size   586.67 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-TO-LVDS Frequency Synthesizer

844004-104 Datasheet (PDF)

Go To PDF Page Download Datasheet
844004-104 Datasheet PDF - Renesas Technology Corp

Part # 844004-104
Download  844004-104 Click to download

File Size   586.67 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-TO-LVDS Frequency Synthesizer

844004-104 Datasheet (HTML) - Renesas Technology Corp


844004-104 Product details

General Description
The 844004-104 is a 4 output LVDS Synthesizer optimized to
generate Fibre Channel reference clock frequencies. Using a
26.5625MHz 18pF parallel resonant crystal, the following
frequencies can be generated based on the 2 frequency select
pins (F_SEL[1:0]): 212.5MHz, 187.5MHz, 159.375MHz,
106.25MHz and 53.125MHz. The 844004-104 uses IDT’s 3rd
generation low phase noise VCO technology and can achieve
<1ps typical rms phase jitter, easily meeting Fibre Channel jitter
requirements. The 844004-104 is packaged in a 32-pin VFQFN
package.

Features
• Four differential LVDS outputs
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 106.25MHz and 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter at 212.5MHz (637kHz – 10MHz), using a
26.5625MHz crystal: <1ps (typical)
• Full 3.3V or 2.5V output supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - 844004-104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844004AK-104 IDT-844004AK-104 Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
844004AK-104LF IDT-844004AK-104LF Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
844004AK-104LFT IDT-844004AK-104LFT Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
844004AK-104T IDT-844004AK-104T Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844004AKI-104LF RENESAS-844004AKI-104LF Datasheet
599Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
More results


Similar Description - 844004-104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
844003-01 RENESAS-844003-01 Datasheet
455Kb / 21P
FemtoClocks™ Crystal-TO-LVDS Frequency Synthesizer
06/10/15
844003BI-01 RENESAS-844003BI-01 Datasheet
444Kb / 23P
FEMTOCLOCKS™ Crystal-to-LVDS Frequency Synthesizer
12/18/14
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com