Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0C1BLS-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0C1BLS-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0C1BLS-Q
Download  PESD5V0C1BLS-Q Download
File Size   219.72 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD5V0C1BLS-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0C1BLS-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0C1BLS-Q
Download  PESD5V0C1BLS-Q Click to download

File Size   219.72 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD5V0C1BLS-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0C1BLS-Q Product details

1. General description
Ultra low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode, part of the
TrEOS Protection family. This device is housed in a small leadless DFN1006BD-2 (SOD882BD)
Surface-Mounted Device (SMD) plastic package with side-wettable flanks. The device is designed
to protect one automotive in-vehicle network bus line from the damage caused by ESD and other
transients.

2. Features and benefits
• Bidirectional ESD protection of one line
• Ultra low capacitance: Cd < 0.3 pF
• ESD protection starting from 15 kV (IEC 61000-4-2; ISO10605)
• Deep snap-back combined with dynamic resistance of 0.35 Ohm
• DFN1006BD-2 package with side-wettable flanks
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
ESD protection for in-vehicle network lines in automotive environments
• Ultra high-speed data lines such as USB 3.2 or HDMI 2.0
• Low-Voltage Differential Signaling (LVDS) automotive
• Automotive A/V monitors, display and cameras




Similar Part No. - PESD5V0C1BLS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0C1BSF NEXPERIA-PESD5V0C1BSF Datasheet
669Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0C1BSF PHILIPS-PESD5V0C1BSF_15 Datasheet
190Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
6 May 2015
More results


Similar Description - PESD5V0C1BLS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V8Y1BSF NEXPERIA-PESD2V8Y1BSF Datasheet
158Kb / 8P
Extremely low clamping bidirectional ESD protection diode
24 January 2022
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD4V0Y1BBSF NEXPERIA-PESD4V0Y1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
23 August 2022
PESD4V0Y1BCSF NEXPERIA-PESD4V0Y1BCSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
17 January 2023
PESD5V0R1BCSF NEXPERIA-PESD5V0R1BCSF Datasheet
154Kb / 8P
Extremely low clamping bidirectional ESD protection diode
11 October 2021
PESD5V5C1BL NEXPERIA-PESD5V5C1BL Datasheet
213Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD20VY1BBSF NEXPERIA-PESD20VY1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
6 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com