Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3F1BSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3F1BSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3F1BSF
Download  PESD3V3F1BSF Download
File Size   152.62 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD3V3F1BSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3F1BSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3F1BSF
Download  PESD3V3F1BSF Click to download

File Size   152.62 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD3V3F1BSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3F1BSF Product details

1. General description
Extremely low clamping low capacitance bidirectional ElectroStatic Discharge (ESD) protection
diode, which is part of the TrEOS protection family. The device is housed in a DSN0603-2
(SOD962-2) leadless ultra small Surface-Mounted Device (SMD) package designed to protect one
signal line from damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• Extremely high surge robustness of 20 A 8/20 μs
• Low diode capacitance Cd = 0.78 pF
• Extremely low clamping voltage to protect sensitive I/Os: VCL = 3.4 V at 20 A 8/20 μs
• Extremely low inductance protection path to ground
• ESD protection up to ±20 kV according to IEC 61000-4-2
• Ultra small SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals




Similar Part No. - PESD3V3F1BSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3F2UT NEXPERIA-PESD3V3F2UT Datasheet
211Kb / 11P
ESD protection diode
8 February 2021
PESD3V3F2UTR NEXPERIA-PESD3V3F2UTR Datasheet
211Kb / 11P
ESD protection diode
8 February 2021
More results


Similar Description - PESD3V3F1BSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V0C1BLS-Q NEXPERIA-PESD5V0C1BLS-Q Datasheet
219Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V8Y1BSF NEXPERIA-PESD2V8Y1BSF Datasheet
158Kb / 8P
Extremely low clamping bidirectional ESD protection diode
24 January 2022
PESD4V0Y1BBSF NEXPERIA-PESD4V0Y1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
23 August 2022
PESD4V0Y1BCSF NEXPERIA-PESD4V0Y1BCSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
17 January 2023
PESD5V0R1BCSF NEXPERIA-PESD5V0R1BCSF Datasheet
154Kb / 8P
Extremely low clamping bidirectional ESD protection diode
11 October 2021
PESD5V5C1BL NEXPERIA-PESD5V5C1BL Datasheet
213Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD20VY1BBSF NEXPERIA-PESD20VY1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
6 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com