Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD20VY1BBSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD20VY1BBSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD20VY1BBSF
Download  PESD20VY1BBSF Download
File Size   156.67 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD20VY1BBSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD20VY1BBSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD20VY1BBSF
Download  PESD20VY1BBSF Click to download

File Size   156.67 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD20VY1BBSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD20VY1BBSF Product details

1. General description
Very low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode, part of the
TrEOS protection family. This device is housed in a DSN0603-2 (SOD962-2) leadless ultra small
Surface-Mounted Device (SMD) package designed to protect one signal line from the damage
caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• VRWM = 20 V device
• Very low diode capacitance Cd = 0.7 pF typical
• Extremely low clamping and trigger voltage to protect sensitive I/Os
• Extremely low inductance protection path to ground
• ESD protection up to ±30 kV according to IEC 61000-4-2
• IEC 61000-4-5 (surge): IPP = 25 A peak pulse (average measured)
• Ultra small, very low inductance SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB3.2 and USB2.0 data lines, SD-card data lines




Similar Part No. - PESD20VY1BBSF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PESD204DQAT TI1-PESD204DQAT Datasheet
289Kb / 13P
4-Channel Low-Capacitance Surge and ESD Protection Diode
More results


Similar Description - PESD20VY1BBSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V0C1BLS-Q NEXPERIA-PESD5V0C1BLS-Q Datasheet
219Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V8Y1BSF NEXPERIA-PESD2V8Y1BSF Datasheet
158Kb / 8P
Extremely low clamping bidirectional ESD protection diode
24 January 2022
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD4V0Y1BBSF NEXPERIA-PESD4V0Y1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
23 August 2022
PESD4V0Y1BCSF NEXPERIA-PESD4V0Y1BCSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
17 January 2023
PESD5V0R1BCSF NEXPERIA-PESD5V0R1BCSF Datasheet
154Kb / 8P
Extremely low clamping bidirectional ESD protection diode
11 October 2021
PESD5V5C1BL NEXPERIA-PESD5V5C1BL Datasheet
213Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com