Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REJ03C0394-0100 Datasheet (PDF) - Renesas Technology Corp

REJ03C0394-0100 Datasheet PDF - Renesas Technology Corp
Part # REJ03C0394-0100
Download  REJ03C0394-0100 Download
File Size   232.92 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8Mb Advanced LPSRAM (1024k word x 8bit)

REJ03C0394-0100 Datasheet (PDF)

Go To PDF Page Download Datasheet
REJ03C0394-0100 Datasheet PDF - Renesas Technology Corp

Part # REJ03C0394-0100
Download  REJ03C0394-0100 Click to download

File Size   232.92 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8Mb Advanced LPSRAM (1024k word x 8bit)

REJ03C0394-0100 Datasheet (HTML) - Renesas Technology Corp


REJ03C0394-0100 Product details

Description
The R1LV0808ASB is a family of low voltage 8-Mbit static RAMs organized as 1,048,576-words by 8-bit,
fabricated by Renesas's high-performance 0.15um CMOS and TFT technologies.
The R1LV08808ASB is suitable for memory applications where a simple interfacing, battery operating
and battery backup are the important design objectives.
The R1LV0808ASB is packaged in a 44pin thin small outline mount device [11.76mm×18.41mm 44-pin
plastic TSOP (II)]. It gives the best solution for a compaction of mounting area as well as flexibility of wiring
pattern of printed circuit boards.
Features
Single 2.4-3.6V power supply
Small stand-by current: 1.2たA (Vcc=3.0V, typ.)
No clocks, No refresh
All inputs and outputs are TTL compatible
Easy memory expansion by CS1# andCS2
Common Data I/O
Three-state outputs: OR-tie capability
OE# prevents data contention in the I/O bus
Operation temperature: -40 ~ +85°C




Similar Part No. - REJ03C0394-0100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
REJ03C0395-0001 RENESAS-REJ03C0395-0001 Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
REJ03C0397-0001 RENESAS-REJ03C0397-0001 Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
More results


Similar Description - REJ03C0394-0100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
RMLV0808BGSB RENESAS-RMLV0808BGSB_15 Datasheet
296Kb / 13P
8Mb Advanced LPSRAM (1024k word 횞 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
2Mb Advanced LPSRAM (256k word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV0808BGSB-4S2 RENESAS-RMLV0808BGSB-4S2 Datasheet
323Kb / 13P
8Mb Advanced LPSRAM (1024k word × 8bit)
2020.02.20
RMLV0816BGSA-4S2 RENESAS-RMLV0816BGSA-4S2 Datasheet
347Kb / 16P
8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
RMLV0816BGSD-4S2 RENESAS-RMLV0816BGSD-4S2 Datasheet
343Kb / 16P
8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com