Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1Q2A7236ABG Datasheet (PDF) - Renesas Technology Corp

R1Q2A7236ABG Datasheet PDF - Renesas Technology Corp
Part # R1Q2A7236ABG
Download  R1Q2A7236ABG Download
File Size   824.86 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 72-Mbit QDR™II SRAM 2-word Burst

R1Q2A7236ABG Datasheet (PDF)

Go To PDF Page Download Datasheet
R1Q2A7236ABG Datasheet PDF - Renesas Technology Corp

Part # R1Q2A7236ABG
Download  R1Q2A7236ABG Click to download

File Size   824.86 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 72-Mbit QDR™II SRAM 2-word Burst

R1Q2A7236ABG Datasheet (HTML) - Renesas Technology Corp


R1Q2A7236ABG Product details

Description
The R1Q2A7236 is a 2,097,152-word by 36-bit, the R1Q2A7218 is a 4,194,304-word by 18-bit, and the
R1Q2A7209 is a 8,388,608-word by 9-bit synchronous quad data rate static RAM fabricated with advanced
CMOS technology using full CMOS six-transistor memory cell. It integrates unique synchronous peripheral
circuitry and a burst counter. All input registers are controlled by an input clock pair (K and /K) and are latched
on the positive edge of K and /K. These products are suitable for applications which require synchronous
operation, high speed, low voltage, high density and wide bit configuration. These products are packaged in
165-pin plastic FBGA package.
Features
႑ Power Supply
• 1.8 V for core (VDD), 1.4 V to VDD for I/O (VDDQ)
႑ Clock
• Fast clock cycle time for high bandwidth
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two input clocks for output data (C and /C) to minimize clock skew and flight time mismatches
• Two output echo clocks (CQ and /CQ) simplify data capture in high-speed systems
• Clock-stop capability with μs restart
႑ I/O
• Separate independent read and write data ports with concurrent transactions
• 100% bus utilization DDR read and write operation
• HSTL I/O
• User programmable output impedance
• DLL/PLL circuitry for wide output data valid window and future frequency scaling
႑ Function
• Two-tick burst for low DDR transaction size
• Internally self-timed write control
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port
႑ Package
• 165 FBGA package (15 x 17 x 1.4 mm)




Similar Part No. - R1Q2A7236ABG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7236ABG40RB0 RENESAS-R1Q2A7236ABG40RB0 Datasheet
339Kb / 26P
36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG40RS0 RENESAS-R1Q2A7236ABG40RS0 Datasheet
339Kb / 26P
36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG40RT0 RENESAS-R1Q2A7236ABG40RT0 Datasheet
339Kb / 26P
36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG50RB0 RENESAS-R1Q2A7236ABG50RB0 Datasheet
339Kb / 26P
36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG50RS0 RENESAS-R1Q2A7236ABG50RS0 Datasheet
339Kb / 26P
36-Mbit QDR?줚I SRAM 2-word Burst
More results


Similar Description - R1Q2A7236ABG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
72-Mbit QDR-II SRAM 2-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A7236ABB RENESAS-R1Q3A7236ABB Datasheet
686Kb / 34P
72-Mbit QDR™II SRAM 4-word Burst
Feb 01, 2019
R1QAA7236ABG RENESAS-R1QAA7236ABG Datasheet
882Kb / 39P
72-Mbit QDR™II SRAM 4-word Burst
2013.01.15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com