Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QAA7236ABG Datasheet (PDF) - Renesas Technology Corp

R1QAA7236ABG Datasheet PDF - Renesas Technology Corp
Part # R1QAA7236ABG
Download  R1QAA7236ABG Download
File Size   882.92 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 72-Mbit QDR™II SRAM 4-word Burst

R1QAA7236ABG Datasheet (PDF)

Go To PDF Page Download Datasheet
R1QAA7236ABG Datasheet PDF - Renesas Technology Corp

Part # R1QAA7236ABG
Download  R1QAA7236ABG Click to download

File Size   882.92 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 72-Mbit QDR™II SRAM 4-word Burst

R1QAA7236ABG Datasheet (HTML) - Renesas Technology Corp


R1QAA7236ABG Product details

Description
The R1Q#A7236 is a 2,097,152-word by 36-bit and the R1Q#A7218 is a 4,194,304-word by 18-bit synchronous
quad data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor memory
cell. It integrates unique synchronous peripheral circuitry and a burst counter. All input registers are controlled
by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These products are suitable
for applications which require synchronous operation, high speed, low voltage, high density and wide bit
configuration. These products are packaged in 165-pin plastic FBGA package.
# = A: Read Latency =2.5, w/o ODT # = G: Read Latency =2.0, w/o ODT
# = D: Read Latency =2.5, w/ ODT # = K: Read Latency =2.0, w/ ODT
hinT=00000.1100.1100.0000.0000---
00000.0000.0000.0000.0000---
00000.0000.0000.0000.0000---QDRII+_RL25
Features
႑ Power Supply
• 1.8 V for core (VDD), 1.4 V to VDD for I/O (VDDQ)
႑ Clock
• Fast clock cycle time for high bandwidth
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two output echo clocks (CQ and /CQ) simplify data capture in high-speed systems
• Clock-stop capability with μs restart
႑ I/O
• Separate independent read and write data ports with concurrent transactions
• 100% bus utilization DDR read and write operation
• HSTL I/O
• User programmable output impedance
• DLL/PLL circuitry for wide output data valid window and future frequency scaling
• Data valid pin (QVLD) to indicate valid data on the output
႑ Function
• Four-tick burst for reduced address frequency
• Internally self-timed write control
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port
႑ Package
• 165 FBGA package (15 x 17 x 1.4 mm)




Similar Part No. - R1QAA7236ABG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
72-Mbit QDR?줚I SRAM 4-word Burst
More results


Similar Description - R1QAA7236ABG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
72-Mbit QDR II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A7236ABG RENESAS-R1Q3A7236ABG Datasheet
828Kb / 36P
72-Mbit QDR II SRAM 4-word Burst
R1QAA7236ABB RENESAS-R1QAA7236ABB Datasheet
881Kb / 39P
72-Mbit QDR II SRAM 4-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG Datasheet
824Kb / 36P
72-Mbit QDR™II SRAM 2-word Burst
2013.01.15
R1Q3A7236ABB RENESAS-R1Q3A7236ABB Datasheet
686Kb / 34P
72-Mbit QDR™II SRAM 4-word Burst
Feb 01, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com