Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1533AIRZ Datasheet (PDF) - Renesas Technology Corp

ISL1533AIRZ Datasheet PDF - Renesas Technology Corp
Part # ISL1533AIRZ
Download  ISL1533AIRZ Download
File Size   1270.81 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Channel Differential DSL Line Driver

ISL1533AIRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1533AIRZ Datasheet PDF - Renesas Technology Corp

Part # ISL1533AIRZ
Download  ISL1533AIRZ Click to download

File Size   1270.81 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Channel Differential DSL Line Driver

ISL1533AIRZ Datasheet (HTML) - Renesas Technology Corp


ISL1533AIRZ Product details

Features
• 450mA output drive capability
• 44.4VP-P differential output drive into 100Ω
• ±5V to ±15V or single supply to 30V operation
• Operates down to a supply current of 4mA per port
• Current control pins
• Channel separation: 80dB at 500kHz
• Pb-free (RoHS compliant)




Similar Part No. - ISL1533AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533AIRZ-T13 INTERSIL-ISL1533AIRZ-T13 Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
More results


Similar Description - ISL1533AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
Dual Channel Differential DSL Line Driver
September 21, 2004
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
-52V Dual Channel Differential DSL Line Driver
September 11, 2006
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
-52V Dual Channel Differential DSL Line Driver
September 11, 2006
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
Dual Channel Differential DSL Line Driver
March 29, 2007
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
logo
Renesas Technology Corp
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
Dual Channel Differential DSL Line Driver
May 1, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com