Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N6504NZ Datasheet (PDF) - Renesas Technology Corp

N6504NZ Datasheet PDF - Renesas Technology Corp
Part # N6504NZ
Download  N6504NZ Download
File Size   303.85 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 650V, 5.5A, 2.1

N6504NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
N6504NZ Datasheet PDF - Renesas Technology Corp

Part # N6504NZ
Download  N6504NZ Click to download

File Size   303.85 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 650V, 5.5A, 2.1

N6504NZ Datasheet (HTML) - Renesas Technology Corp


N6504NZ Product details

Description
The N6504NZ is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
 Low on-state resistance
RDS (on) = 2.1 MAX. (VGS = 10 V, ID = 2.75 A)
 Low input capacitance
Ciss = 950pF TYP. (VDS = 10V, VGS = 0 V)
 High current
ID(DC) = ±5.5 A
 RoHS Compliant




Similar Part No. - N6504NZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N6506NZ RENESAS-N6506NZ Datasheet
297Kb / 8P
N-channel MOSFET 650V, 7.5A, 1.3
Jun 10, 2013
N6506NZ-S17-AY RENESAS-N6506NZ-S17-AY Datasheet
297Kb / 8P
N-channel MOSFET 650V, 7.5A, 1.3
Jun 10, 2013
N6508NZ RENESAS-N6508NZ Datasheet
448Kb / 8P
N-channel MOSFET 650V, 9.5A, 0.85
Jun 10, 2013
N6508NZ-S17-AY RENESAS-N6508NZ-S17-AY Datasheet
448Kb / 8P
N-channel MOSFET 650V, 9.5A, 0.85
Jun 10, 2013
More results


Similar Description - N6504NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
FDD6N50F FAIRCHILD-FDD6N50F Datasheet
354Kb / 9P
N-Channel MOSFET 500V, 5.5A, 1.15廓
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
HFP2N65 SEMIHOW-HFP2N65 Datasheet
872Kb / 7P
650V N-Channel MOSFET
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Fairchild Semiconductor
FDD7N60NZ FAIRCHILD-FDD7N60NZ_10 Datasheet
263Kb / 9P
N-Channel MOSFET 600V, 5.5A, 1.25?
logo
E-CMOS Corporation
EC744N65 E-CMOS-EC744N65 Datasheet
393Kb / 5P
650V,5.5A N-Channel Power MOSFET
EC746N60J E-CMOS-EC746N60J Datasheet
417Kb / 5P
600V,5.5A N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
6N65H KIA-6N65H Datasheet
281Kb / 5P
5.5A竊?50V N-CHANNEL MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com