Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N6508NZ Datasheet (PDF) - Renesas Technology Corp

N6508NZ Datasheet PDF - Renesas Technology Corp
Part # N6508NZ
Download  N6508NZ Download
File Size   448.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 650V, 9.5A, 0.85

N6508NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
N6508NZ Datasheet PDF - Renesas Technology Corp

Part # N6508NZ
Download  N6508NZ Click to download

File Size   448.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 650V, 9.5A, 0.85

N6508NZ Datasheet (HTML) - Renesas Technology Corp


N6508NZ Product details

Description
The N6508NZ is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
 Low on-state resistance
RDS (on) = 0.85 MAX. (VGS = 10 V, ID = 4.75 A)
 Low input capacitance
Ciss = 2160pF TYP. (VDS = 10V, VGS = 0 V)
 High current
ID(DC) = ±9.5 A
 RoHS Compliant




Similar Part No. - N6508NZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N6504NZ RENESAS-N6504NZ Datasheet
303Kb / 8P
N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
N6504NZ-S17-AY RENESAS-N6504NZ-S17-AY Datasheet
303Kb / 8P
N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
N6506NZ RENESAS-N6506NZ Datasheet
297Kb / 8P
N-channel MOSFET 650V, 7.5A, 1.3
Jun 10, 2013
N6506NZ-S17-AY RENESAS-N6506NZ-S17-AY Datasheet
297Kb / 8P
N-channel MOSFET 650V, 7.5A, 1.3
Jun 10, 2013
More results


Similar Description - N6508NZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ32 INTERSIL-BUZ32 Datasheet
47Kb / 6P
9.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
FDMC2610 FAIRCHILD-FDMC2610 Datasheet
370Kb / 7P
N-Channel UltraFET Trench MOSFET(200V, 9.5A, 200mohm)
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
N-Channel MOSFET 500V, 9A, 0.85廓
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
logo
ON Semiconductor
NDF08N50ZH ONSEMI-NDF08N50ZH Datasheet
123Kb / 6P
N-Channel Power MOSFET 500 V, 0.85
January, 2015 ??Rev. 6
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Will Semiconductor Ltd.
WNMD2182 WILLSEMI-WNMD2182 Datasheet
1Mb / 7P
Dual N-Channel, 20V, 9.5A, Power MOSFET
logo
KIA Semiconductor Techn...
10N60H KIA-10N60H Datasheet
222Kb / 5P
9.5A竊?00V N-CHANNEL MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com