Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N6506NZ Datasheet (PDF) - Renesas Technology Corp

N6506NZ Datasheet PDF - Renesas Technology Corp
Part # N6506NZ
Download  N6506NZ Download
File Size   297.45 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 650V, 7.5A, 1.3

N6506NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
N6506NZ Datasheet PDF - Renesas Technology Corp

Part # N6506NZ
Download  N6506NZ Click to download

File Size   297.45 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 650V, 7.5A, 1.3

N6506NZ Datasheet (HTML) - Renesas Technology Corp


N6506NZ Product details

Description
The N6506NZ is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
 Low on-state resistance
RDS (on) = 1.3 MAX. (VGS = 10 V, ID = 3.75 A)
 Low input capacitance
Ciss = 1385pF TYP. (VDS = 10V, VGS = 0 V)
 High current
ID(DC) = ±7.5 A
 RoHS Compliant




Similar Part No. - N6506NZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N6504NZ RENESAS-N6504NZ Datasheet
303Kb / 8P
N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
N6504NZ-S17-AY RENESAS-N6504NZ-S17-AY Datasheet
303Kb / 8P
N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
N6508NZ RENESAS-N6508NZ Datasheet
448Kb / 8P
N-channel MOSFET 650V, 9.5A, 0.85
Jun 10, 2013
N6508NZ-S17-AY RENESAS-N6508NZ-S17-AY Datasheet
448Kb / 8P
N-channel MOSFET 650V, 9.5A, 0.85
Jun 10, 2013
More results


Similar Description - N6506NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
Nanjing International G...
NJ8N60 DGNJDZ-NJ8N60 Datasheet
530Kb / 7P
7.5A 600V N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
TSF8N65C THINKISEMI-TSF8N65C Datasheet
985Kb / 6P
7.5A,650V Insulated N-Channel Type Power MOSFETs
logo
Jiangsu Donghai Semicon...
8NE65 WXDH-8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
B8NE65 WXDH-B8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
D8NE65 WXDH-D8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
E8NE65 WXDH-E8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
F8NE65 WXDH-F8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
I8NE65 WXDH-I8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com