Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P49EE602NLGI Datasheet (PDF) - Renesas Technology Corp

5P49EE602NLGI Datasheet PDF - Renesas Technology Corp
Part # 5P49EE602NLGI
Download  5P49EE602NLGI Download
File Size   452.5 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERSACLOCK® LOW POWER CLOCK GENERATOR

5P49EE602NLGI Datasheet (PDF)

Go To PDF Page Download Datasheet
5P49EE602NLGI Datasheet PDF - Renesas Technology Corp

Part # 5P49EE602NLGI
Download  5P49EE602NLGI Click to download

File Size   452.5 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERSACLOCK® LOW POWER CLOCK GENERATOR

5P49EE602NLGI Datasheet (HTML) - Renesas Technology Corp


5P49EE602NLGI Product details

Features
• Four internal PLLs
• Internal non-volatile EEPROM
• Internal I2C EEPROM master interface
• FAST (400kHz) mode I2C serial interfaces
• Input Frequencies
– TCXO: 10 MHz to 40 MHz
– Crystal: 8 MHz to 30 MHz
– RTC Crystal: 32.768 kHz
• Output Frequency Ranges: kHz to 120 MHz
• Each PLL has an 8-bit reference divider and a 11-bit
feedback-divider
• 8-bit output-divider blocks
• One of the PLLs support Spread Spectrum generation
capable of configuration to pixel rate, with adjustable
modulation rate and amplitude to support video clock
with no visible artifacts
• I/O Standards:
– Outputs - 1.8V/2.5V/3.3 V LVTTL/ LVCMOS
• 3 independent adjustable VDDO groups.
• Programmable Slew Rate Control
• Programmable Loop Bandwidth Settings
• Programmable output inversion to reduce bimodal jitter
• Individual output enable/disable
• Power-down/Sleep mode
– 10A max in power down mode
– 32kHz clock output active sleep mode
– 100A max in sleep mode
• 1.8V VDD Core Voltage
• Available in 24pin 4x4mm QFN packages
• -40 to +85 C Industrial Temp operation




Similar Part No. - 5P49EE602NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49EE602NLGI IDT-5P49EE602NLGI Datasheet
443Kb / 25P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR
5P49EE602NLGI IDT-5P49EE602NLGI Datasheet
322Kb / 26P
VERSACLOCK LOW POWER CLOCK GENERATOR
5P49EE602NLGI8 IDT-5P49EE602NLGI8 Datasheet
443Kb / 25P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR
5P49EE602NLGI8 IDT-5P49EE602NLGI8 Datasheet
322Kb / 26P
VERSACLOCK LOW POWER CLOCK GENERATOR
More results


Similar Description - 5P49EE602NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5P49EE502-166 RENESAS-5P49EE502-166 Datasheet
715Kb / 15P
5-Output VersaClock® Low-Power Clock Generator
MAY 10, 2019
5P49EE802 RENESAS-5P49EE802 Datasheet
563Kb / 29P
VersaClock® Low-power Clock Generator
REVISION P 04/01/16
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
IDT5P49EE502 RENESAS-IDT5P49EE502 Datasheet
428Kb / 27P
VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111714
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com