Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V9885T Datasheet (PDF) - Renesas Technology Corp

IDT5V9885T Datasheet PDF - Renesas Technology Corp
Part # IDT5V9885T
Download  IDT5V9885T Download
File Size   750.59 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR

IDT5V9885T Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5V9885T Datasheet PDF - Renesas Technology Corp

Part # IDT5V9885T
Download  IDT5V9885T Click to download

File Size   750.59 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR

IDT5V9885T Datasheet (HTML) - Renesas Technology Corp


IDT5V9885T Product details

FEATURES:
• Three internal PLLs
• Internal non-volatile EEPROM
• JTAG and FAST mode I2C serial interfaces
• Input Frequency Ranges: 1MHz to 400MHz
• Output Frequency Ranges: 4.9kHz to 500MHz
• Reference Crystal Input with programmable oscillator gain and
programmable linear load capacitance
− Crystal Frequency Range: 8MHz to 50MHz
• Each PLL has an 8-bit pre-scaler and a 12-bit feedback-divider
• 10-bit post-divider blocks
• Fractional Dividers
• Two of the PLLs support Spread Spectrum Generation
capability
• I/O Standards:
− Outputs - 3.3V LVTTL/ LVCMOS, LVPECL, and LVDS
− Inputs - 3.3V LVTTL/ LVCMOS
• Programmable Slew Rate Control
• Programmable Loop Bandwidth Settings
• Programmable output inversion to reduce bimodal jitter
• Redundant clock inputs with glitchless auto and manual
switchover options
• JTAG Boundary Scan
• Individual output enable/disable
• Power-down mode
• 3.3V VDD
• Available in TQFP and VFQFPN packages




Similar Part No. - IDT5V9885T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Similar Description - IDT5V9885T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com