Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRRS Datasheet (PDF) - IET Labs Inc.

HRRS Datasheet PDF - IET Labs Inc.
Part # HRRS
Download  HRRS Download
File Size   214.15 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High-Resistance Decade Substituter

HRRS Datasheet (PDF)

Go To PDF Page Download Datasheet
HRRS Datasheet PDF - IET Labs Inc.

Part # HRRS
Download  HRRS Click to download

File Size   214.15 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High-Resistance Decade Substituter

HRRS Datasheet (HTML) - IET Labs Inc.


HRRS Product details

Features:
• High accuracy - to .01%
• High stability - to 10 ppm/yr
• Excellent TC - as low as 5 ppm/°C
• Resistance from 10 Ω to 1 TΩ+
• Low voltage coeffi cient - as low as 0.2 ppm/V
• High-performance solid silver-alloy switches
• High-voltage versions available
• Rack mounting available
• Special and custom confi gurations available




Similar Part No. - HRRS

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
HRRS-5KV IET-HRRS-5KV Datasheet
332Kb / 2P
High-Resistance High-Voltage Decade Subs tuter
Aug. 2021
More results


Similar Description - HRRS

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
logo
Analog Technologies, In...
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS IET-HARS Datasheet
309Kb / 2P
High Accuracy Decade Resistance Substituter
Feb. 2021
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
Self-Adjusting Programmable Resistance Decade Substituter
March 2020
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com