Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRS-300 Datasheet (PDF) - IET Labs Inc.

PRS-300 Datasheet PDF - IET Labs Inc.
Part # PRS-300
Download  PRS-300 Download
File Size   172.84 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Programmable Resistance Decade Substituter

PRS-300 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRS-300 Datasheet PDF - IET Labs Inc.

Part # PRS-300
Download  PRS-300 Click to download

File Size   172.84 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Programmable Resistance Decade Substituter

PRS-300 Datasheet (HTML) - IET Labs Inc.


PRS-300 Product details

FEATURES
• Basic accuracy of 70 ppm
• Resistance range from 100 mΩ to 20 MΩ
• Virtually automatic self-calibration
• No zero subtraction required - as is necessary with
other manual or programmable units
• Use for RTD applications is straight orward without
and "subtractions"
• Built-in RTD tables for PT100 and PT1000
May be used with 2 or 4 terminals




Similar Part No. - PRS-300

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
PRS-300-RM IET-PRS-300-RM Datasheet
580Kb / 4P
Self-Adjusting Programmable Resistance Decade Substituter
March 2020
More results


Similar Description - PRS-300

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
logo
Analog Technologies, In...
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS IET-HARS Datasheet
309Kb / 2P
High Accuracy Decade Resistance Substituter
Feb. 2021
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
Self-Adjusting Programmable Resistance Decade Substituter
March 2020
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com