Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRS-370 Datasheet (PDF) - IET Labs Inc.

PRS-370 Datasheet PDF - IET Labs Inc.
Part # PRS-370
Download  PRS-370 Download
File Size   580.2 Kbytes
Page   4 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Self-Adjusting Programmable Resistance Decade Substituter

PRS-370 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRS-370 Datasheet PDF - IET Labs Inc.

Part # PRS-370
Download  PRS-370 Click to download

File Size   580.2 Kbytes
Page   4 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Self-Adjusting Programmable Resistance Decade Substituter

PRS-370 Datasheet (HTML) - IET Labs Inc.


PRS-370 Product details

NEW & ADVANCED FEATURES
• Be" er than 10 ppm accuracy; the PRS-300M can
automa! cally control the Keysight 3458A or Fluke
8508A and 8588A DMMs and automa! cally fi ne
adjust the resistance output
• Basic accuracy of 70 ppm in source resistance mode
• Resistance range from 0.1 Ω to 20 MΩ
• Built-in rou! ne to automa! cally calibrate the
internal resistors when used with the Keysight
3458A or Fluke 8508A and 8588A DMMs
• Use for RTD applica! ons is straigh% orward without
addi! onal "subtrac! ons"
• Built-in RTD tables for PT100 and PT1000
May be used with 2 or 4 terminals connec! ons
• Large color touch screen and so' keys
• Reduced number of components and resistors for
longer term reliability
• Standard GPIB interface for computer control
• Front and rear binding posts for connec! on to the
DMM and DUT simultaneously
• For other interfaces such as Ethernet and USB see
PRS-330




Similar Part No. - PRS-370

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
More results


Similar Description - PRS-370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VBEHA ETC2-VBEHA Datasheet
128Kb / 1P
Self-Adjusting EM Brake
logo
SparkFun Electronics
TOL-14872 SPARKFUN-TOL-14872 Datasheet
877Kb / 2P
Self-Adjusting Wire Strippers
9??7??8
logo
IET Labs Inc.
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS IET-HARS Datasheet
309Kb / 2P
High Accuracy Decade Resistance Substituter
Feb. 2021
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com