Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT1G66 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT1G66 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCT1G66
Download  74AHCT1G66 Download
File Size   263.2 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single-pole single-throw analog switch

74AHCT1G66 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT1G66 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCT1G66
Download  74AHCT1G66 Click to download

File Size   263.2 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single-pole single-throw analog switch

74AHCT1G66 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCT1G66 Product details

1. General description
The 74AHC1G66; 74AHCT1G66 is a single-pole, single-throw analog switch with two input/output
terminals (nY and nZ) and a digital enable input (nE). When nE is LOW, the analog switch is
turned off. The enable input is overvoltage tolerant. This feature allows the use of these devices as
translators in mixed voltage environments.
2. Features and benefits
• Very low ON resistance:
• 26 Ω (typ.) at VCC = 3.0 V
• 16 Ω (typ.) at VCC = 4.5 V
• 14 Ω (typ.) at VCC = 5.5 V
• Wide supply voltage range from 2.0 to 5.5 V
• Overvoltage tolerant control input to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• SOT353-1 and SOT753 package options
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AHCT1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G66 PHILIPS-74AHCT1G66 Datasheet
108Kb / 24P
Bilateral switch
2002 Jun 06
74AHCT1G66 NXP-74AHCT1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74AHCT1G66 NXP-74AHCT1G66 Datasheet
128Kb / 17P
74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCT1G66-Q100 NEXPERIA-74AHCT1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
logo
NXP Semiconductors
74AHCT1G66GV PHILIPS-74AHCT1G66GV Datasheet
108Kb / 24P
Bilateral switch
2002 Jun 06
More results


Similar Description - 74AHCT1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com