Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC1G66 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC1G66 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC1G66
Download  74HC1G66 Download
File Size   269.25 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single-pole single-throw analog switch

74HC1G66 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC1G66 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC1G66
Download  74HC1G66 Click to download

File Size   269.25 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single-pole single-throw analog switch

74HC1G66 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC1G66 Product details

1. General description
The 74HC1G66; 74HCT1G66 is a single-pole, single-throw analog switch with two input/output
terminals (nY and nZ) and a digital enable input (nE). When nE is LOW, the analog switch is turned
off. Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs
to voltages in excess of VCC.
The HCT device features control inputs with reduced input threshold levels to allow interfacing to
TTL logic levels.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 10.0 V
• Very low ON resistance:
• 45 Ω (typ.) at VCC = 4.5 V
• 30 Ω (typ.) at VCC = 6.0 V
• 25 Ω (typ.) at VCC = 9.0 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HC1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
Single-pole single-throw analog switch
logo
NXP Semiconductors
74HC1G66GV PHILIPS-74HC1G66GV Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74HC1G66GV NXP-74HC1G66GV Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
More results


Similar Description - 74HC1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com