Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-322DC Datasheet (PDF) - Rohm

SLR-322DC Datasheet PDF - Rohm
Part # SLR-322DC
Download  SLR-322DC Download
File Size   207.27 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)

SLR-322DC Datasheet (PDF)

Go To PDF Page Download Datasheet
SLR-322DC Datasheet PDF - Rohm

Part # SLR-322DC
Download  SLR-322DC Click to download

File Size   207.27 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)

SLR-322DC Datasheet (HTML) - Rohm


SLR-322DC Product details

The SLR-322 series are small 3.1 mm x 2 mm LEDs which can be directly mounted on a printed circuit board. Four colors and two lens types are available for a total of eight types, and they are suitable for use in a wide variety of applications.

Features
1) Can be directly mounted on a printed circuit board
   with an automatic insertion machine.
2) Four colors : red, orange, yellow and green.
3) Two lens types : Colored diffused and Colored clear.
4) Compact 3.1 mm x 2 mm epoxy resin package.
5) High reliability.




Similar Part No. - SLR-322DC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
Reflecting small LEDs, directly mountable (3.2 mm)
SLR-325DC ROHM-SLR-325DC Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325DU ROHM-SLR-325DU Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325MC ROHM-SLR-325MC Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325MG ROHM-SLR-325MG Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
More results


Similar Description - SLR-322DC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
High luminance, small LEDs (過3, 過3.1 mm)
SLA-560 ROHM-SLA-560 Datasheet
136Kb / 4P
High luminance, small LEDs f5.0 mm
SPR-325 ROHM-SPR-325 Datasheet
78Kb / 3P
Directly mountable, two-color LEDs (過5.0 mm)
SPR-505 ROHM-SPR-505 Datasheet
77Kb / 3P
Directly mountable, two-color LEDs (過5.0 mm)
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
Reflecting small LEDs, directly mountable (3.2 mm)
logo
ILSI America LLC
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
logo
Rohm
SLR-343 ROHM-SLR-343_1 Datasheet
54Kb / 6P
Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
logo
ILSI America LLC
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
logo
Rohm
SLR-37MG3F ROHM-SLR-37MG3F Datasheet
303Kb / 9P
LED, reflecting, high brightness, 3.0 mm
logo
Isahaya Electronics Cor...
VLA553-01R ISAHAYA-VLA553-01R Datasheet
1Mb / 13P
Directly mountable on the New?륪PD
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com