Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1500 Datasheet (PDF) - COTEK ELECTRONIC IND. CO., LTD

SD1500 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD
Part # SD1500
Download  SD1500 Download
File Size   303.69 Kbytes
Page   3 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 1500W Pure Sine Wave

SD1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1500 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD

Part # SD1500
Download  SD1500 Click to download

File Size   303.69 Kbytes
Page   3 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 1500W Pure Sine Wave

SD1500 Datasheet (HTML) - COTEK ELECTRONIC IND. CO., LTD


SD1500 Product details

Features:
Parallel redundancy design for power expansion
Automatic master mechanism to eliminate single point
failure and optimize reliability
Built-in ATS and AC circuit breaker
RS-232 communication
Input & output fully isolation
Output voltage / power saving mode selectable by DIP switch or
remote control (CR-10)
Input Protection: Reverse Polarity (Fuse) / Under Voltage / Over Voltage
Output Protection: Short Circuit / Overload / Over Temperature /
Over Voltage
Optional STS module, transfer time less 4ms.
Multiple industrial applications that create 1Ô3W / 3Ô4W power systems




Similar Part No. - SD1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1500 ETC1-SD1500 Datasheet
107Kb / 3P
N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETS SWITCHES
SD1500BD ETC1-SD1500BD Datasheet
107Kb / 3P
N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETS SWITCHES
logo
International Rectifier
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
logo
TRANSYS Electronics Lim...
SD1500C TEL-SD1500C Datasheet
162Kb / 1P
STANDARD RECOVERY DIODE
SD1500C04L TEL-SD1500C04L Datasheet
162Kb / 1P
STANDARD RECOVERY DIODE
More results


Similar Description - SD1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SD2500 COTEK-SD2500 Datasheet
537Kb / 3P
2500W Pure Sine Wave
21/03/05
SD3500 COTEK-SD3500 Datasheet
665Kb / 3P
3500W Pure Sine Wave
21/10/06
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1000 COTEK-SP-1000 Datasheet
121Kb / 2P
1000W Pure Sine Wave Inverter
20/10/21
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com