Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2389-18 Datasheet (PDF) - Linear Integrated Systems

LTC2389-18 Datasheet PDF - Linear Integrated Systems
Part # LTC2389-18
Download  LTC2389-18 Download
File Size   908.72 Kbytes
Page   40 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 18-Bit, 2.5Msps SAR ADC with Pin-Configurable Analog Input Range and 99.8dB SNR

LTC2389-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2389-18 Datasheet PDF - Linear Integrated Systems

Part # LTC2389-18
Download  LTC2389-18 Click to download

File Size   908.72 Kbytes
Page   40 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 18-Bit, 2.5Msps SAR ADC with Pin-Configurable Analog Input Range and 99.8dB SNR

LTC2389-18 Datasheet (HTML) - Linear Integrated Systems


LTC2389-18 Product details

Features
Applications
2.5Msps Throughput Rate
±3LSB INL (Max)
Guaranteed 18-Bit, No Missing Codes
Pin-Configurable Analog Input Range:
±4.096V Fully Differential
0V to 4.096V Pseudo-Differential Unipolar
±2.048V Pseudo-Differential Bipolar
99.8dB (Fully Differential)/95.2dB (Pseudo
Differential) SNR (Typ) at fIN = 2kHz
–116dB (Fully Differential)/–112dB (Pseudo
Differential) THD (Typ) at fIN = 2kHz
Guaranteed Operation to 125°C
Single 5V Supply
Internal 20ppm/°C (Max) Reference
Internal Reference Buffer
162.5mW Power Dissipation at 2.5Msps
No Pipeline Delay, No Cycle Latency
1.8V to 5V I/O Voltages
Parallel and Serial I/O Interface
48-pin 7mm × 7mm LQFP and QFN Packages
Medical Imaging
High Speed, Wide Dynamic Range Data Acquisition
Industrial Process Control
Instrumentation
ATE




Similar Part No. - LTC2389-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2389-18 LINER-LTC2389-18 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC2389-18 LINER-LTC2389-18 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2389-18 LINER-LTC2389-18 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2389-18 LINER-LTC2389-18 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2389-18 LINER-LTC2389-18 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results


Similar Description - LTC2389-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
LTC2372-18 LINER-LTC2372-18_15 Datasheet
1Mb / 50P
18-Bit, 500ksps, 8-Channel SAR ADC with 100dB SNR
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com