Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI567 Datasheet (PDF) - Renesas Technology Corp

HI567 Datasheet PDF - Renesas Technology Corp
Part # HI567
Download  HI567 Download
File Size   572.74 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 20MSPS, Flash A/D Converter

HI567 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI567 Datasheet PDF - Renesas Technology Corp

Part # HI567
Download  HI567 Click to download

File Size   572.74 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 20MSPS, Flash A/D Converter

HI567 Datasheet (HTML) - Renesas Technology Corp


HI567 Product details

Features
• Resolution . . . . . . . . . . . . . . . . . . . . 8-Bit 0.3 LSB (DNL)
• Maximum Sampling Frequency . . . . . . . . . . . . . . 20MSPS
• Low Power Consumption . . . . . . . . . . . . . . . . . . . . .60mW
(Reference Current Excluded)
• Built-In Sample and Hold Circuit
• Built-In Reference Voltage Self Bias Circuit
• Three-State TTL Compatible Output
• Single +5V Power Supply
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . 11pF (Typ)
• Reference Impedance . . . . . . . . . . . . . . . . . . . 300 (Typ)
• Low Cost
• Direct Replacement for TLC5510 and ADC1175




Similar Part No. - HI567

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
HI5675JCB INTERSIL-HI5675JCB Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
HI5675JCB INTERSIL-HI5675JCB Datasheet
471Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Similar Description - HI567

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
10-bit 20MSPS A/D Converter
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Linear Technology
LTC1406 LINER-LTC1406 Datasheet
447Kb / 16P
Low Power, 8-Bit, 20Msps, Sampling A/D Converter
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Intersil Corporation
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
List of Unclassifed Man...
ADC-30634 ETC2-ADC-30634 Datasheet
109Kb / 4P
8-Bit, 20MSPS CMOS Flash A/D
logo
Murata Power Solutions ...
ADC-208A MURATA-PS-ADC-208A Datasheet
154Kb / 4P
8-Bit, 20MSPS CMOS Flash A/D (ADC-208 Compatible)
logo
Linear Technology
LTC1406 LINER-LTC1406_15 Datasheet
377Kb / 16P
Low Power, 8-Bit, 20Msps, Sampling A/D Converter
logo
Renesas Technology Corp
HI1175 RENESAS-HI1175 Datasheet
607Kb / 13P
8-Bit, 20MSPS, Flash A/D Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com