Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1977R Datasheet (PDF) - Sony Corporation

CXA1977R Datasheet PDF - Sony Corporation
Part # CXA1977R
Download  CXA1977R Download
File Size   273.13 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 10-bit 20MSPS A/D Converter

CXA1977R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1977R Datasheet PDF - Sony Corporation

Part # CXA1977R
Download  CXA1977R Click to download

File Size   273.13 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 10-bit 20MSPS A/D Converter

CXA1977R Datasheet (HTML) - Sony Corporation


CXA1977R Product details

Description
The CXA1977R is a 10-bit 20MSPS 2-step parallel type A/D converter for video signal processing.
This A/D converter operates on +5V power supplies. The analog signal can be converted to the digital signal by using this IC in conjunction with the Sample-and-hold IC.

Features
• Maximum operating speed : 20MSPS (Min.)
• Resolution : 10-bit
• Low power dissipation : 160mW (Typ.)
• Wide-band analog input : 10MHz
• Low input capacitance : 50pF (Typ.)
• Built-in digital correction (Compensation within ±16LSB)
• TTL input
• TTL output
• Output code : binary/2S complement/1S complement

Applications
    High resolution video signal processing




Similar Part No. - CXA1977R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1908S ETC2-CXA1908S Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Sony Corporation
CXA1910 SONY-CXA1910 Datasheet
387Kb / 18P
Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
Dolby B Type Noise Reduction System with Playback Equalizer
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
Dolby B/C Type Noise Reduction System with Playback Equalizer
More results


Similar Description - CXA1977R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
9-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
10-bit 20MSPS Video A/D Converter
logo
Intersil Corporation
HI3300 INTERSIL-HI3300 Datasheet
174Kb / 16P
3V 10-Bit, 20MSPS A/D Converter with Internal Voltage Reference
March 2000
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
14-BIT, 20MSPS, 85mW A/D CONVERTER
08-Oct-2002
logo
Intersil Corporation
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Renesas Technology Corp
HI1175 RENESAS-HI1175 Datasheet
607Kb / 13P
8-Bit, 20MSPS, Flash A/D Converter
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com