Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5675 Datasheet (PDF) - Intersil Corporation

HI5675 Datasheet PDF - Intersil Corporation
Part # HI5675
Download  HI5675 Download
File Size   93.35 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 20MSPS, Flash A/D Converter

HI5675 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5675 Datasheet PDF - Intersil Corporation

Part # HI5675
Download  HI5675 Click to download

File Size   93.35 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 20MSPS, Flash A/D Converter

HI5675 Datasheet (HTML) - Intersil Corporation


HI5675 Product details

8-Bit, 20MSPS, Flash A/D Converter

The HI5675 is an 8-bit, analog-to-digital converter built in an advanced CMOS process. The low power, low differential gain and phase, high sampling rate, and single 5V supply make the HI5675 ideal for video and imaging applications.

Features
• Resolution . . . . . . . . . . . . . . . . . . . . 8-Bit ±0.3 LSB (DNL)
• Maximum Sampling Frequency . . . . . . . . . . . . . . 20MSPS
• Low Power Consumption . . . . . . . . . . . . . . . . . . . . .60mW (Reference Current Excluded)
• Built-In Sample and Hold Circuit
• Built-In Reference Voltage Self Bias Circuit
• Three-State TTL Compatible Output
• Single +5V Power Supply
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . 11pF (Typ)
• Reference Impedance . . . . . . . . . . . . . . . . . . . 300Ω (Typ)
• Low Cost
• Direct Replacement for TLC5510 and ADC1175

Applications
• Video Digitizing
• PC Video Capture
• Image Scanners
• TV Set Top Boxes
• Multimedia
• Personal Communication Systems (PCS)




Similar Part No. - HI5675

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5675JCB INTERSIL-HI5675JCB Datasheet
471Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Renesas Technology Corp
HI5675JCB RENESAS-HI5675JCB Datasheet
572Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Intersil Corporation
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Similar Description - HI5675

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
10-bit 20MSPS A/D Converter
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
8-bit 20MSPS Video A/D Converter (CMOS)
logo
Linear Technology
LTC1406 LINER-LTC1406 Datasheet
447Kb / 16P
Low Power, 8-Bit, 20Msps, Sampling A/D Converter
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Intersil Corporation
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
List of Unclassifed Man...
ADC-30634 ETC2-ADC-30634 Datasheet
109Kb / 4P
8-Bit, 20MSPS CMOS Flash A/D
logo
Murata Power Solutions ...
ADC-208A MURATA-PS-ADC-208A Datasheet
154Kb / 4P
8-Bit, 20MSPS CMOS Flash A/D (ADC-208 Compatible)
logo
Linear Technology
LTC1406 LINER-LTC1406_15 Datasheet
377Kb / 16P
Low Power, 8-Bit, 20Msps, Sampling A/D Converter
logo
Renesas Technology Corp
HI1175 RENESAS-HI1175 Datasheet
607Kb / 13P
8-Bit, 20MSPS, Flash A/D Converter
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com