Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE60P07AS Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE60P07AS Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE60P07AS
Download  NCE60P07AS Download
File Size   376.62 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE60P07AS Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE60P07AS Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE60P07AS
Download  NCE60P07AS Click to download

File Size   376.62 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE60P07AS Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE60P07AS Product details

Description
The NCE60P07AS uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge .This
device is well suited for use as a load switch or in PWM
applications.
General Features
● VDS =-60V,ID =-7A
RDS(ON) <65mΩ @ VGS=-10V
RDS(ON) <85mΩ @ VGS=-4.5V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Excellent package for good heat dissipation
Application
● Load switch
● PWM application




Similar Part No. - NCE60P07AS

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60P02Y NCEPOWER-NCE60P02Y Datasheet
413Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
v1.0
NCE60P03R NCEPOWER-NCE60P03R Datasheet
661Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
NCE60P03Y NCEPOWER-NCE60P03Y Datasheet
358Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
logo
VBsemi Electronics Co.,...
NCE60P04 VBSEMI-NCE60P04 Datasheet
1Mb / 10P
P-Channel 60-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE60P04R NCEPOWER-NCE60P04R Datasheet
673Kb / 8P
NCE P-Channel Enhancement Mode Power MOSFET
V3.0
More results


Similar Description - NCE60P07AS

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com