Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE60P07AS Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE60P07AS
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE60P07AS Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE60P07AS Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P07AS Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P07AS Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P07AS Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P07AS Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P07AS Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P07AS Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Co., Ltd
Page
v1.0
1
NCE60P07AS
http://www.ncepower.com
NCE P-Channel Enhancement Mode Power MOSFET
Description
The NCE60P07AS uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge .This
device is well suited for use as a load switch or in PWM
applications.
General Features
●
VDS =-60V,ID =-7A
RDS(ON) <65mΩ @ VGS=-10V
RDS(ON) <85mΩ @ VGS=-4.5V
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Excellent package for good heat dissipation
Application
●
Load switch
●
PWM application
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
Marking and pin assignment
SOP-8 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE60P07AS
NCE60P07AS
SOP-8
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-7
A
Pulsed Drain Current
IDM
-30
A
Maximum Power Dissipation
PD
3.0
W
Single pulse avalanche energy
(Note 5)
EAS
65
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance, Junction-to-Ambient
(Note 2)
RθJC
41.7
/W
℃


Similar Part No. - NCE60P07AS

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60P02Y NCEPOWER-NCE60P02Y Datasheet
413Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
v1.0
NCE60P03R NCEPOWER-NCE60P03R Datasheet
661Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
NCE60P03Y NCEPOWER-NCE60P03Y Datasheet
358Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
logo
VBsemi Electronics Co.,...
NCE60P04 VBSEMI-NCE60P04 Datasheet
1Mb / 10P
P-Channel 60-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE60P04R NCEPOWER-NCE60P04R Datasheet
673Kb / 8P
NCE P-Channel Enhancement Mode Power MOSFET
V3.0
More results

Similar Description - NCE60P07AS

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com