Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1260716 Datasheet (PDF) - PHOENIX CONTACT

1260716 Datasheet PDF - PHOENIX CONTACT
Part # 1260716
Download  1260716 Download
File Size   377.38 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-M12FSEC-OE-93E-LI/5,0X - Device connector front mounting

1260716 Datasheet (PDF)

Go To PDF Page Download Datasheet
1260716 Datasheet PDF - PHOENIX CONTACT

Part # 1260716
Download  1260716 Click to download

File Size   377.38 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-M12FSEC-OE-93E-LI/5,0X - Device connector front mounting

1260716 Datasheet (HTML) - PHOENIX CONTACT


1260716 Product details

Device connector front mounting, Ethernet CAT5 (100 Mbps), Ethernet, 4-position, PUR, water
blue RAL 5021, shielded, Flush-type female connector, straight, M12-SPEEDCON, coding: D ,
on free cable end, Front mounting, cable length: 5 m, Ethernet flexible CAT5, 2-pair, Item is leadfree
in accordance with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Pre-assembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1260716

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1260715 PHOENIX-1260715 Datasheet
1Mb / 25P
VS-OE-M12FSBP-93R-LI/2,0X - Device connector, rear mounting
1260717 PHOENIX-1260717 Datasheet
449Kb / 13P
VS-M12FSEC-OE-93E-LI/2,0X - Device connector front mounting
1260718 PHOENIX-1260718 Datasheet
286Kb / 8P
VS-M12FSBP-OE-94C-LI/2,0X - Device connector, rear mounting
More results


Similar Description - 1260716

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405837 PHOENIX-1405837 Datasheet
156Kb / 12P
Bus system flush-type socket - VS-M12FSEC-OE-93E-LI/2,0
09/11/2020
1405866 PHOENIX-1405866 Datasheet
804Kb / 24P
VS-M12FSBP-OE-93E-LI/2,0 - Device connector, rear mounting
1404245 PHOENIX-1404245 Datasheet
384Kb / 13P
VS-M12FSEC-OE-93E-LI/5,0 - Device connector front mounting
1419135 PHOENIX-1419135 Datasheet
443Kb / 12P
VS-FSDBPS-OE-93G-LI/1,0 - Device connector, rear mounting
1238737 PHOENIX-1238737 Datasheet
743Kb / 22P
VS-M12FSBP-OE-93E-LI/2,0X - Device connector, rear mounting
1239240 PHOENIX-1239240 Datasheet
490Kb / 12P
VS-MSDBPS-OE-93K-LI/5,0X - Device connector, rear mounting
1260717 PHOENIX-1260717 Datasheet
449Kb / 13P
VS-M12FSEC-OE-93E-LI/2,0X - Device connector front mounting
1238757 PHOENIX-1238757 Datasheet
820Kb / 22P
VS-M12FSBP-OE-94B-LI/5,0X - Device connector, rear mounting
1239232 PHOENIX-1239232 Datasheet
440Kb / 11P
VS-MSDBPS-OE-93G-LI/5,0X - Device connector, rear mounting
1239449 PHOENIX-1239449 Datasheet
945Kb / 26P
VS-FSBPXS-OE-94F/5,0X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com