| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGH09120F
|
1Mb / 13P |
120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev 2.1 |
|
CGH21120F
|
1Mb / 13P |
120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.1 |
|
CGH21240F
|
1Mb / 15P |
240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.0 |
|
CGH25120F
|
1Mb / 12P |
120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
Rev 3.1 |
|
CGH60120D
|
592Kb / 7P |
120 W, 6.0 GHz, GaN HEMT Die
Rev 3.1 |
 WOLFSPEED, INC. |
CG2H80120D
|
1Mb / 8P |
120 W, 8.0 GHz, GaN HEMT Die
Rev. 0.3, 2022-11-3 |
|
CGH21120F
|
4Mb / 14P |
120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15 |
|
CGH21240F
|
3Mb / 14P |
240 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.2, 2022-10-19 |
|
CGH25120F
|
3Mb / 12P |
120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022 |
|
CGH60120D
|
1Mb / 8P |
120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2 |