Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH21120F Datasheet (PDF) - WOLFSPEED, INC.

CGH21120F Datasheet PDF - WOLFSPEED, INC.
Part # CGH21120F
Download  CGH21120F Download
File Size   4105.38 Kbytes
Page   14 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX

CGH21120F Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH21120F Datasheet PDF - WOLFSPEED, INC.

Part # CGH21120F
Download  CGH21120F Click to download

File Size   4105.38 Kbytes
Page   14 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX

CGH21120F Datasheet (HTML) - WOLFSPEED, INC.


CGH21120F Product details

Description
Wolfspeed's CGH21120F is a gallium nitride (GaN) high
electron mobility transistor (HEMT) designed specifically for
high efficiency, high gain and wide bandwidth capabilities,
which makes the CGH21120F ideal for 1.8-2.3 GHz WCDMA
and LTE amplifier applications. The transistor is supplied in a
ceramic/metal flange package.
Features
• 1.8 - 2.3 GHz Operation
• 15 dB Gain
• -35 dBc ACLR at 20 W PAVE
• 35% Efficiency at 20 W PAVE
• High Degree of DPD Correction can be Applied




Similar Part No. - CGH21120F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.1
CGH21120F-AMP CREE-CGH21120F-AMP Datasheet
1Mb / 13P
120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.1
CGH21120F-TB CREE-CGH21120F-TB Datasheet
1Mb / 13P
120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.1
More results


Similar Description - CGH21120F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH09120F CREE-CGH09120F Datasheet
1Mb / 13P
120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev 2.1
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.1
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.0
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
Rev 3.1
logo
WOLFSPEED, INC.
CG2H80120D WOLFSPEED-CG2H80120D Datasheet
1Mb / 8P
120 W, 8.0 GHz, GaN HEMT Die
Rev. 0.3, 2022-11-3
CGH09120F WOLFSPEED-CGH09120F Datasheet
4Mb / 13P
120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev. 2.3, 2022-10-14
CGH21240F WOLFSPEED-CGH21240F Datasheet
3Mb / 14P
240 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.2, 2022-10-19
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
CGH35015 WOLFSPEED-CGH35015 Datasheet
2Mb / 12P
15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-10-28
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com