Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRA087008NB Datasheet (PDF) - WOLFSPEED, INC.

PTRA087008NB Datasheet PDF - WOLFSPEED, INC.
Part # PTRA087008NB
Download  PTRA087008NB Download
File Size   731.2 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz

PTRA087008NB Datasheet (PDF)

Go To PDF Page Download Datasheet
PTRA087008NB Datasheet PDF - WOLFSPEED, INC.

Part # PTRA087008NB
Download  PTRA087008NB Click to download

File Size   731.2 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz

PTRA087008NB Datasheet (HTML) - WOLFSPEED, INC.


PTRA087008NB Product details

Description
The PTRA087008NB is a 650-watt LDMOS FET. It is designed for use in multistandard cellular power amplifier applications from 755 MHz to 805 MHz.
Manufactured with Wolfspeed’s advanced LDMOS process, this device provides
excellent thermal performance and superior reliability
Features
• Broadband internal input and output matching
• Asymmetric design
- Main: P1dB = 245 W Typ
- Peak: P1dB = 380 W Typ
• Typical pulsed CW performance, 805 MHz, 48 V,
Doherty configuration
- Output power at P3dB = 650 W
- Efficiency = 52%
- Gain = 19.5 dB
• Capable of handling 10:1 VSWR @48 V, 30 W
(WCDMA) output power
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Integrated ESD protection
• Low thermal resistance
• RoHS-compliant




Similar Part No. - PTRA087008NB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
More results


Similar Description - PTRA087008NB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA084007NF INFINEON-PTVA084007NF Datasheet
491Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
Rev. 03, 2017-08-30
PTRA083818NF INFINEON-PTRA083818NF Datasheet
481Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
Rev. 05.1, 2017-03-30
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA084007NF CREE-PTVA084007NF Datasheet
486Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
PTRA083818NF CREE-PTRA083818NF Datasheet
606Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
logo
WOLFSPEED, INC.
PTRA083818NF WOLFSPEED-PTRA083818NF Datasheet
708Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz
Rev. 06.2, 2022-1-27
PTVA084007NF WOLFSPEED-PTVA084007NF Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 – 805 MHz
Rev. 04.2, 2022-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com