Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT9890AVPBF Datasheet (PDF) - Analog Devices

LT9890AVPBF Datasheet PDF - Analog Devices
Part # LT9890AVPBF
Download  LT9890AVPBF Download
File Size   546.34 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150 A Current Monitor for Intel Psys Applications

LT9890AVPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LT9890AVPBF Datasheet PDF - Analog Devices

Part # LT9890AVPBF
Download  LT9890AVPBF Click to download

File Size   546.34 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150 A Current Monitor for Intel Psys Applications

LT9890AVPBF Datasheet (HTML) - Analog Devices


LT9890AVPBF Product details

GENERAL DESCRIPTION
The LT9890 is a high-precision current monitor with an internal
current-sense element supporting up to 150 A of load current.
Factory calibration of the current-sense element and a zero temperature
coefficient architecture results in less than 1.3% total
unadjusted error (TUE). A 26,600:1 input-to-output current ratio with
a response bandwidth greater than 3 MHz provides a fast and
accurate ground-referenced output signal while being insensitive to
ground voltage variations. Minimal power loss is achieved through a
low, 150 μΩ current-path resistance and an aspect ratio conducive
to wide printed circuit board (PCB) traces. Input voltages from 2.7 V
to 65 V are supported. The LT9890 is compatible with the Intel Psys
(platform power) applications.

FEATURES
► Integrated current sense element
► 150 A current range
► 26,600:1 input-to-output current ratio (5 mA at 133 A)
► ±1.3% TUE maximum (ISENSE = 45 A to 150 A)
► 3.2 MHz small-signal bandwidth (ISENSE = 150 A)
► 150 μΩ current path resistance
► Powered from 2.7 V to 65 V
► Intel Psys compatible
► Available in 108-terminal, 10 mm × 20 mm × 2.75 mm, LGA package

APPLICATIONS
► Computers and network servers
► Intel central processing unit (CPU) motherboards
► Network storage
► Communication equipment
► Electric vehicles
► Photovoltaics




Similar Part No. - LT9890AVPBF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LT989W-100M105V1E22 L-COM-LT989W-100M105V1E22 Datasheet
525Kb / 3P
Level Transmitter, 0-100mH2O/OIL 4-20mA out, 11- 28V, Stainless 304, 105m Polyethylene
05/23/2019
LT989W-100M105V6K22 L-COM-LT989W-100M105V6K22 Datasheet
506Kb / 3P
Level Transmitter, 0-100mH2O/OIL 0.5-4.5V out, Stainless 304, 105m Polyethylene
05/24/19
LT989W-10M15V1E22 L-COM-LT989W-10M15V1E22 Datasheet
526Kb / 3P
Level Transmitter, 0-10mH2O/OIL 4-20mA out, 11- 28V, Stainless 304, 15m Polyethylene
05/24/19
LT989W-10M15V6K22 L-COM-LT989W-10M15V6K22 Datasheet
506Kb / 3P
Level Transmitter, 0-10mH2O/OIL 0.5-4.5V out, Stainless 304, 15m Polyethylene
05/24/19
LT989W-20M25V1E22 L-COM-LT989W-20M25V1E22 Datasheet
526Kb / 3P
Level Transmitter, 0-20mH2O/OIL 4-20mA out, 11- 28V, Stainless 304, 25m Polyethylene
05/24/19
More results


Similar Description - LT9890AVPBF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
logo
PHOENIX CONTACT
2806045 PHOENIX-2806045 Datasheet
53Kb / 4P
Differential current converter for type A differential current monitor.
2806061 PHOENIX-2806061 Datasheet
63Kb / 4P
Differential current converter for type A differential current monitor.
2806074 PHOENIX-2806074 Datasheet
54Kb / 4P
Differential current converter for type A differential current monitor.
2806087 PHOENIX-2806087 Datasheet
54Kb / 4P
Differential current converter for type A differential current monitor.
2806090 PHOENIX-2806090 Datasheet
50Kb / 4P
Differential current converter for type A differential current monitor.
2806100 PHOENIX-2806100 Datasheet
50Kb / 4P
Differential current converter for type A differential current monitor.
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com