Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT9890AVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT9890AVPBF
Description  150 A Current Monitor for Intel Psys Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT9890AVPBF Datasheet(HTML) 1 Page - Analog Devices

  LT9890AVPBF Datasheet HTML 1Page - Analog Devices LT9890AVPBF Datasheet HTML 2Page - Analog Devices LT9890AVPBF Datasheet HTML 3Page - Analog Devices LT9890AVPBF Datasheet HTML 4Page - Analog Devices LT9890AVPBF Datasheet HTML 5Page - Analog Devices LT9890AVPBF Datasheet HTML 6Page - Analog Devices LT9890AVPBF Datasheet HTML 7Page - Analog Devices LT9890AVPBF Datasheet HTML 8Page - Analog Devices LT9890AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
LT9890
150 A Current Monitor for Intel Psys Applications
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Integrated current sense element
►
150 A current range
►
26,600:1 input-to-output current ratio (5 mA at 133 A)
►
±1.3% TUE maximum (ISENSE = 45 A to 150 A)
►
3.2 MHz small-signal bandwidth (ISENSE = 150 A)
►
150 μΩ current path resistance
►
Powered from 2.7 V to 65 V
►
Intel Psys compatible
►
Available in 108-terminal, 10 mm × 20 mm × 2.75 mm, LGA
package
APPLICATIONS
►
Computers and network servers
►
Intel central processing unit (CPU) motherboards
►
Network storage
►
Communication equipment
►
Electric vehicles
►
Photovoltaics
TYPICAL APPLICATION CIRCUIT
Figure 1. Typical Application Circuit
FUNCTIONAL BLOCK DIAGRAM
Figure 2. Functional Block Diagram (RS Is the Sense Resistor, and RG Is the
Gain Resistor.)
GENERAL DESCRIPTION
The LT9890 is a high-precision current monitor with an internal
current-sense element supporting up to 150 A of load current.
Factory calibration of the current-sense element and a zero tem-
perature coefficient architecture results in less than 1.3% total
unadjusted error (TUE). A 26,600:1 input-to-output current ratio with
a response bandwidth greater than 3 MHz provides a fast and
accurate ground-referenced output signal while being insensitive to
ground voltage variations. Minimal power loss is achieved through a
low, 150 μΩ current-path resistance and an aspect ratio conducive
to wide printed circuit board (PCB) traces. Input voltages from 2.7 V
to 65 V are supported. The LT9890 is compatible with the Intel Psys
(platform power) applications.
Figure 3. Output Current (IOUT) TUE vs. IIN


Similar Part No. - LT9890AVPBF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LT989W-100M105V1E22 L-COM-LT989W-100M105V1E22 Datasheet
525Kb / 3P
Level Transmitter, 0-100mH2O/OIL 4-20mA out, 11- 28V, Stainless 304, 105m Polyethylene
05/23/2019
LT989W-100M105V6K22 L-COM-LT989W-100M105V6K22 Datasheet
506Kb / 3P
Level Transmitter, 0-100mH2O/OIL 0.5-4.5V out, Stainless 304, 105m Polyethylene
05/24/19
LT989W-10M15V1E22 L-COM-LT989W-10M15V1E22 Datasheet
526Kb / 3P
Level Transmitter, 0-10mH2O/OIL 4-20mA out, 11- 28V, Stainless 304, 15m Polyethylene
05/24/19
LT989W-10M15V6K22 L-COM-LT989W-10M15V6K22 Datasheet
506Kb / 3P
Level Transmitter, 0-10mH2O/OIL 0.5-4.5V out, Stainless 304, 15m Polyethylene
05/24/19
LT989W-20M25V1E22 L-COM-LT989W-20M25V1E22 Datasheet
526Kb / 3P
Level Transmitter, 0-20mH2O/OIL 4-20mA out, 11- 28V, Stainless 304, 25m Polyethylene
05/24/19
More results

Similar Description - LT9890AVPBF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
logo
PHOENIX CONTACT
2806045 PHOENIX-2806045 Datasheet
53Kb / 4P
Differential current converter for type A differential current monitor.
2806061 PHOENIX-2806061 Datasheet
63Kb / 4P
Differential current converter for type A differential current monitor.
2806074 PHOENIX-2806074 Datasheet
54Kb / 4P
Differential current converter for type A differential current monitor.
2806087 PHOENIX-2806087 Datasheet
54Kb / 4P
Differential current converter for type A differential current monitor.
2806090 PHOENIX-2806090 Datasheet
50Kb / 4P
Differential current converter for type A differential current monitor.
2806100 PHOENIX-2806100 Datasheet
50Kb / 4P
Differential current converter for type A differential current monitor.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com