Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT9890AVPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT9890AVPBF
Description  150 A Current Monitor for Intel Psys Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT9890AVPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT9890AVPBF Datasheet HTML 3Page - Analog Devices LT9890AVPBF Datasheet HTML 4Page - Analog Devices LT9890AVPBF Datasheet HTML 5Page - Analog Devices LT9890AVPBF Datasheet HTML 6Page - Analog Devices LT9890AVPBF Datasheet HTML 7Page - Analog Devices LT9890AVPBF Datasheet HTML 8Page - Analog Devices LT9890AVPBF Datasheet HTML 9Page - Analog Devices LT9890AVPBF Datasheet HTML 10Page - Analog Devices LT9890AVPBF Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
LT9890
THEORY OF OPERATION
analog.com
Rev. 0 | 8 of 11
Figure 15 shows a typical LT9890 application. An input current up to
150 A flows from the IP pin to the IM pin through an internal copper
RS. The open-loop gain of the amplifier drives the negative terminal
voltage to the positive terminal voltage, making the current through
the RG proportional to the input current. This current becomes
ground-referenced after flowing through the output p-channel met-
al-oxide semiconductor (PMOS) device. An internal algorithm with
factory trim corrects for the copper-sense element nonidealities.
The internal negative regulator forces the same supply voltage
across the amplifier through the entire 2.7 V to 65 V voltage range,
creating excellent common-mode rejection. All internal circuitry runs
off the input rail. The small-supply current relative to the large-signal
current has an insignificant effect on the TUE.
Figure 15. Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com