Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT162245ADGG Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT162245ADGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT162245ADGG
Download  74ABT162245ADGG Download
File Size   227.04 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit bus transceiver with 30 Ω series termination resistors; 3-state

74ABT162245ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT162245ADGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT162245ADGG
Download  74ABT162245ADGG Click to download

File Size   227.04 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit bus transceiver with 30 Ω series termination resistors; 3-state

74ABT162245ADGG Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT162245ADGG Product details

1. General description
The 74ABT162245A; 74ABTH162245A is a 16-bit transceiver with 30 Ω termination resistors
and 3-state outputs. The device can be used as two 8-bit transceivers or one 16-bit transceiver.
The device features two output enables (1OE and 2OE) each controlling eight outputs, and two
send/receive (1DIR and 2DIR) inputs for direction control. A HIGH on nOE causes the outputs
to assume a high-impedance OFF-state. This device is fully specified for partial power down
applications using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
Two options are available, 74ABT162245A which does not have the bus hold feature and the
74ABTH162245A which incorporates the bus hold feature.
2. Features and benefits
• 16-bit bidirectional bus interface
• Multiple VCC and GND pins minimize switching noise
• 3-state buffers
• Output capability: +12 mA/–32 mA
• 74ABTH162245A incorporates bus-hold data inputs which eliminate the need for external
pull-up resistors to hold unused inputs
• Integrated 30 Ω termination resistors
• Supply voltage range from 4.5 to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• ESD protection:
• HBM JESD-A114E exceeds 2000 V
• CDM JESD22-C101C exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74ABT162245ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162245ADGG PHILIPS-74ABT162245ADGG Datasheet
94Kb / 12P
16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
More results


Similar Description - 74ABT162245ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ABT162245A PHILIPS-74ABT162245A Datasheet
94Kb / 12P
16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
74ALVC162835A NEXPERIA-74ALVC162835A Datasheet
201Kb / 15P
18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
74ALVCH162245 NEXPERIA-74ALVCH162245 Datasheet
195Kb / 14P
16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state
Rev. 3 - 16 January 2018
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com