Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3762 Datasheet (PDF) - Texas Instruments

TPS3762 Datasheet PDF - Texas Instruments
Part # TPS3762
Download  TPS3762 Download
File Size   2097.14 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test

TPS3762 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3762 Datasheet PDF - Texas Instruments

Part # TPS3762
Download  TPS3762 Click to download

File Size   2097.14 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test

TPS3762 Datasheet (HTML) - Texas Instruments


TPS3762 Product details

1 Features
• SIL-3 Functional Safety-compliant product targeted
– Development targeted for Functional Safety
applications
– Documentation to aid IEC 61508 system design
– Systematic capability up to SIL-3 targeted
– Hardware capability up to SIL-3 targeted
• Monitor high voltage power rails
– Wide input voltage range: 2.7 V to 65 V
– Reverse polarity protection on sense pin -65 V
– No external components required to power off
of high voltage rail
• Device flexibility to meet design requirements
– Wide voltage threshold range: 2.7 V to 60 V
– 800mV option - use with external resistor
divider to set threshold
– Built-in hysteresis (2 %, 5 %, and 10 % options)
– Fixed and programmable reset time delay
– Fixed and programmable detection delay
• Designed for Safety Applications
– Output reset latching feature to help bring
system to safe state
– Ultra-fast detection time delay (<5 μs) to help
minimize system Fault Tolerant Time Interval
(FTTI)
– Built-In Self-Test to monitor device functionality
and enhance system protection

2 Applications
• Single & Multiaxis Servo Drive
• Industrial & Collaborative Robot
• Avionics
• PLC, DCS & PAC

3 Description
The TPS3762 is a 65 V input voltage supervisor
with 4 μA IDD, 0.8% accuracy, fast detection time,
and a Built-In Self-Test feature. This device can be
connected directly to 12 V / 24 V industrial SELV
power rails for continuous monitoring of overvoltage
(OV) or undervoltage (UV) conditions; with its internal
resistor divider, TPS3762 offers the smallest total
solution size. Wide hysteresis voltage options are
available to ignore large voltage transients. Built-in
hysteresis on the SENSE pin prevents false reset
signals when monitoring a supply voltage rail.
The separate VDD and SENSE pins allow
redundancy sought by high-reliability systems and
SENSE can monitor higher and lower voltages than
VDD. Optional use of external resistors are supported
by the high impedance input of the SENSE pin. CTS
and CTR pins allow delay adjustability on the rising
and falling edges of the RESET signal. The CTS
functions as a debouncer by ignoring voltage glitches
on the monitored voltage rails.
The TPS3762 is available in a 2.9 mm × 1.6 mm
SOT23 8-pin package. TPS3762 operates over -40°C
to +125°C TA.




Similar Part No. - TPS3762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3762 TI1-TPS3762 Datasheet
2Mb / 42P
TPS3762 65 V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
DECEMBER 2023
TPS3762 TI-TPS3762 Datasheet
2Mb / 46P
TPS3762-Q1 Automotive 65V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
MAY 2024
TPS3762 TI2-TPS3762 Datasheet
2Mb / 48P
TPS3762-Q1 Automotive 65V, 4μA, Window, Overvoltage or Undervoltage, Supervisor With Built-in Self-Test and Latch
REVISED FEBRUARY 2026
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 46P
TPS3762-Q1 Automotive 65V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
MAY 2024
More results


Similar Description - TPS3762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V01 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37_V01 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V02 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
TPS37 TI-TPS37_V02 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS38 TI-TPS38 Datasheet
4Mb / 49P
TPS38 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function
APRIL 2022
TPS37 TI1-TPS37_V03 Datasheet
2Mb / 44P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
REVISED AUGUST 2023
TPS37-Q1 TI-TPS37-Q1_V04 Datasheet
3Mb / 47P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED AUGUST 2023
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com