Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3762 Datasheet (PDF) - Texas Instruments

TPS3762 Datasheet PDF - Texas Instruments
Part # TPS3762
Download  TPS3762 Download
File Size   2168.5 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3762-Q1 Automotive 65V, 4μA, Window, Overvoltage or Undervoltage, Supervisor With Built-in Self-Test and Latch

TPS3762 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3762 Datasheet PDF - Texas Instruments

Part # TPS3762
Download  TPS3762 Click to download

File Size   2168.5 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3762-Q1 Automotive 65V, 4μA, Window, Overvoltage or Undervoltage, Supervisor With Built-in Self-Test and Latch

TPS3762 Datasheet (HTML) - Texas Instruments


TPS3762 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1: –40°C to +125°C
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation to aid ISO 26262 system design
– Systematic capability up to ASIL-D
– Hardware capability up to ASIL-D
• Wide input voltage range: 2.7V to 65V
• Low quiescent current: 2μA
• High threshold accuracy: 1% (Max)
• -65V reverse polarity protection on SENSE
• 3μs fast OV/UV monitor for 12V/24V systems
• Fixed and programmable reset time delay
• Fixed and programmable detection delay
• TPS3762-Q1: Integrated Built-in Self-test for
diagnostics
– Built-In Self-Test monitors device for internal
faults for functional safety
– Output reset latching feature

2 Applications
• Sensor fusion and cameras
• Digital cockpit processing unit
• On-board charger
• ADAS domain controller

3 Description
The TPS3762-Q1 is a family of 65V input voltage
supervisor with 4μA IDD, 0.9% accuracy, fast detection
time (3μs) and a Built-In Self-Test feature. This
family of devices can be connected directly to
12V / 24V automotive battery systems for continuous
monitoring of overvoltage (OV) and undervoltage
(UV) conditions. Wide hysteresis voltage options
are available to ignore large voltage transients and
prevent false reset signals.
The TPS3762-Q1 output (Reset) that is used for OV
and UV faults enabling system to take action if a fault
occurs. The TPS3762-Q1 comes with BIST which is
implemented at start-up to verify device health as well
as an optional latching feature to help the system
bring into a safe state when critical faults occurs.




Similar Part No. - TPS3762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3762 TI-TPS3762 Datasheet
2Mb / 39P
TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test
OCTOBER 2023
TPS3762 TI1-TPS3762 Datasheet
2Mb / 42P
TPS3762 65 V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
DECEMBER 2023
TPS3762 TI-TPS3762 Datasheet
2Mb / 46P
TPS3762-Q1 Automotive 65V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
MAY 2024
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 46P
TPS3762-Q1 Automotive 65V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
MAY 2024
More results


Similar Description - TPS3762

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC833LP6GE HITTITE-HMC833LP6GE Datasheet
3Mb / 61P
Built in Digital Self Test
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
TPS3704-Q1 TI-TPS3704-Q1_V01 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
MAY 2022
TPS3704-Q1 TI-TPS3704-Q1_V02 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED MAY 2022
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389C03-Q1 TI1-TPS389C03-Q1 Datasheet
5Mb / 88P
TPS389C03-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor with Q&A Watchdog
REVISED SEPTEMBER 2023
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
TPS3762 TI-TPS3762 Datasheet
2Mb / 39P
TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test
OCTOBER 2023
TPS3704-Q1 TI1-TPS3704-Q1_V03 Datasheet
2Mb / 40P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED NOVEMBER 2023
TPS389C03-Q1 TI1-TPS389C03-Q1_V01 Datasheet
6Mb / 104P
TPS389C03-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor with Q&A Watchdog
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com