Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3762 Datasheet (PDF) - Texas Instruments

TPS3762 Datasheet PDF - Texas Instruments
Part # TPS3762
Download  TPS3762 Download
File Size   2293.06 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3762-Q1 Automotive 65V Window (OV & UV) Supervisor with Built-In Self-Test and Latch

TPS3762 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3762 Datasheet PDF - Texas Instruments

Part # TPS3762
Download  TPS3762 Click to download

File Size   2293.06 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3762-Q1 Automotive 65V Window (OV & UV) Supervisor with Built-In Self-Test and Latch

TPS3762 Datasheet (HTML) - Texas Instruments


TPS3762 Product details

1 Features
• ASIL-D Functional Safety-Compliant
– Documentation to aid ISO 26262 system design
– Systematic capability up to ASIL-D
– Hardware capability up to ASIL-D
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1: –40°C to +125°C
• Device flexibility to meet design requirements
– Wide voltage threshold range: 2.7V to 60V
– 800mV option - use with external resistor
divider to set threshold
– Built-in hysteresis (2%, 5%, and 10% options)
– Fixed and programmable reset time delay
– Fixed and programmable detection delay
• Monitor high voltage power rails
– Wide input voltage range: 2.7V to 65V
– Reverse polarity protection on sense pin -65V
• Fast UV/OV protection in 12/24/48V systems
– Output reset latching feature
– Ultra-fast detection time delay option(5μs)
– Built-In Self-Test

2 Applications
• Sensor fusion and cameras
• Digital cockpit processing unit
• On-board charger
• ADAS domain controller

3 Description
The TPS3762-Q1 is a 65V input voltage supervisor
with 4μA IDD, 0.9% accuracy, fast detection time
(5μs), and a Built-In Self-Test feature. This device can
be connected directly to 12V / 24V automotive battery
systems for continuous monitoring of overvoltage
(OV) and undervoltage (UV) conditions; with the
internal resistor divider, the TPS3762-Q1 offers the
smallest total solution size. Wide hysteresis voltage
options are available to ignore large voltage transients
and prevent false reset signals.
The separate VDD and SENSE pins allow
redundancy sought by high-reliability systems and
SENSE can monitor higher and lower voltages than
VDD. Optional use of external resistors are supported
by the high impedance input of the SENSE pin. CTS
and CTR pins allow delay adjustability on the falling
and rising edges of the RESET signal. The CTS
functions as a debouncer by ignoring voltage glitches
on the monitored voltage rails.
The TPS3762-Q1 is available in a 2.9mm × 1.6mm
SOT23 8-pin package.




Similar Part No. - TPS3762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3762 TI-TPS3762 Datasheet
2Mb / 39P
TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test
OCTOBER 2023
TPS3762 TI1-TPS3762 Datasheet
2Mb / 42P
TPS3762 65 V Window (OV & UV) Supervisor with Built-In Self-Test and Latch
DECEMBER 2023
TPS3762 TI2-TPS3762 Datasheet
2Mb / 48P
TPS3762-Q1 Automotive 65V, 4μA, Window, Overvoltage or Undervoltage, Supervisor With Built-in Self-Test and Latch
REVISED FEBRUARY 2026
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
TPS3762-Q1 TI2-TPS3762-Q1 Datasheet
2Mb / 48P
TPS3762-Q1 Automotive 65V, 4μA, Window, Overvoltage or Undervoltage, Supervisor With Built-in Self-Test and Latch
REVISED FEBRUARY 2026
More results


Similar Description - TPS3762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM12914 AD-ADM12914 Datasheet
826Kb / 16P
짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
logo
Hittite Microwave Corpo...
HMC833LP6GE HITTITE-HMC833LP6GE Datasheet
3Mb / 61P
Built in Digital Self Test
logo
Texas Instruments
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3762-Q1 TI-TPS3762-Q1 Datasheet
2Mb / 38P
TPS3762-Q1 Automotive Wide VIN 65 V Window (OV & UV) Supervisor with Built-In Self-Test
OCTOBER 2023
TPS3762 TI-TPS3762 Datasheet
2Mb / 39P
TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com