Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-2118 Datasheet (PDF) - SIRENZA MICRODEVICES

SPA-2118 Datasheet PDF - SIRENZA MICRODEVICES
Part # SPA-2118
Download  SPA-2118 Download
File Size   215.1 Kbytes
Page   6 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 850 MHz 1 Watt Power Amplifier with Active Bias

SPA-2118 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPA-2118 Datasheet PDF - SIRENZA MICRODEVICES

Part # SPA-2118
Download  SPA-2118 Click to download

File Size   215.1 Kbytes
Page   6 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 850 MHz 1 Watt Power Amplifier with Active Bias

SPA-2118 Datasheet (HTML) - SIRENZA MICRODEVICES


SPA-2118 Product details

Product Description
Sirenza Microdevices’ SPA-2118 is a high efficiency GaAs
Heterojunction Bipolar Transistor (HBT) amplifier housed in a low-cost surface-mountable plastic package. These HBT amplifiers are fabricated using molecular beam epitaxial growth technology which produces reliable and consistent performance from wafer to wafer and lot to lot.

Product Features
• High Linearity Performance: +20.7 dBm IS-95 CDMA Channel Power at -55 dBc ACP +47 dBm typ. OIP3
• On-chip Active Bias Control
• High Gain: 33 dB Typ.
• Patented High Reliability GaAsHBT Technology
• Surface-Mountable Plastic Package

Applications
• IS-95 CDMA Systems
• Multi-Carrier Applications
• AMPS, ISM Applications




Similar Part No. - SPA-2118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
850 MHz 1 Watt Power Amplifier with Active Bias
More results


Similar Description - SPA-2118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
1960 MHz 1 Watt Power Amp with Active Bias
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
1700-2200 MHz 1 Watt Power Amp with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
1960 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com